Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9058AJJ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9058AJJ
Szczegółowy opis  Dual 8-Bit 50 MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9058AJJ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9058AJJ Datasheet HTML 3Page - Analog Devices AD9058AJJ Datasheet HTML 4Page - Analog Devices AD9058AJJ Datasheet HTML 5Page - Analog Devices AD9058AJJ Datasheet HTML 6Page - Analog Devices AD9058AJJ Datasheet HTML 7Page - Analog Devices AD9058AJJ Datasheet HTML 8Page - Analog Devices AD9058AJJ Datasheet HTML 9Page - Analog Devices AD9058AJJ Datasheet HTML 10Page - Analog Devices AD9058AJJ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
REV.
AD9058
–7–
AD9618
COMP
ENCODE
A
ENCODE
AIN A
+VS
D0A(LSB)
–VS
D0B(LSB)
D7A(MSB)
AIN B
D7B(MSB)
AD9058
(J-LEAD)
+VREF A
+VREF B
ENCODE
B
–VREF A
–VREF B
CLOCK
ANALOG
IN A
0.125V
ANALOG
IN B
0.125V
0.1 F
+5V
–5V
0.1 F
+5V
400
400
50
50
10k
5
5k
0.1 F
10pF
1k
50k
(SEE TEXT)
CLOCK
8
8
1N4001
4, 19, 21,
25, 27, 42
40
1
8
38
2
6
43
3
7, 20,
26, 39
28
29
30
31
32
33
34
35
18
17
16
15
14
13
12
11
5, 9, 22,
24, 37, 41
10
36
AD9618
74ACT04
0.1 F
RZ1
RZ2
–1V
1V
150
2N3906
–5V
1/2
AD708
20k
1V
2N3904
10
+5V
150
1/2
AD708
20k
AD580
1
3
0.1 F
0.1 F
10k
10k
Figure 3. AD9058 Using External Voltage References
The on-board voltage reference, +VINT, is a band gap reference
that has sufficient drive capability for both reference ladders.
It provides a 2 V reference that can drive both ADCs in the
AD9058 for unipolar positive operation (0 V to 2 V).
USING THE AD9058
Refer to Figure 2. Using the internal voltage reference con-
nected to both ADCs as shown reduces the number of external
components required to create a complete data acquisition
system. The input ranges of the ADCs are positive unipolar
in this configuration, ranging from 0 V to 2 V. Bipolar input
signals are buffered, amplified, and offset into the proper input
range of the ADC using a good low distortion amplifier such
as the AD9617 or AD9618.
The AD9058 offers considerable flexibility in selecting the analog
input ranges of the ADCs; the two independent ADCs can even
have different input ranges if required. In Figure 3, the AD9058
is shown configured for
±1 V operation.
The “Reference Ladder Offset” shown in the specifications table
refers to the error between the voltage applied to the +VREF (top)
or –VREF (bottom) of the reference ladder and the voltage required
at the analog input to achieve a 1111 1111 or 0000 0000 transi-
tion. This indicates the amount of adjustment range that must be
designed into the reference circuit for the AD9058.
The diode shown between ground and –VS is normally reverse-
biased and is used to prevent latch-up. Its use is recommended
for applications in which power supply sequencing might allow
+VS to be applied before –VS; or the +VS supply is not current
limited. If the negative supply is allowed to float (the +5 V supply
is powered up before the –5 V supply), substantial +5 V supply
current will attempt to flow through the substrate (VS supply con-
tact) to ground. If this current is not limited to <500 mA, the part
may be destroyed. The diode prevents this potentially destructive
condition from occurring.
Timing
Refer to the AD9058 Timing Diagram, Figure 4. The AD9058
provides latched data outputs with no pipeline delay. To conserve
power, the data outputs have relatively slow rise and fall times.
When designing system timing, it is important to observe (1) setup
and hold times; and (2) the intervals when data is changing.
Figure 3 shows 2 k
Ω pull-down resistors on each of the D
0–D7
output data bits. When operating at conversion rates higher than
40 MSPS, these resistors help equalize rise and fall times and
ease latching the output data into external latches. The 74ACT
logic family devices have short setup and hold times and are the
recommended choices for speeds of 40 MSPS or more.
Layout
To ensure optimum performance, a single low impedance ground
plane is recommended. Analog and digital grounds should be con-
nected together and to the ground plane at the AD9058 device.
Analog and digital power supplies should be bypassed to ground
through 0.1
μF ceramic capacitors as close to the unit as possible.
For prototyping or evaluation, surface-mount sockets are available
from Methode Electronics, Inc. (Part No. 213-0320602) for
evaluating AD9058 surface-mount packages. To evaluate the
E


Podobny numer części - AD9058AJJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058AJJ-REEL AD-AD9058AJJ-REEL Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
More results

Podobny opis - AD9058AJJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
logo
Fujitsu Component Limit...
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
   50 MSPS 3ch 8-bit D/A Converter
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com