Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9058AJJ Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9058AJJ
Szczegółowy opis  Dual 8-Bit 50 MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9058AJJ Arkusz danych(HTML) 2 Page - Analog Devices

  AD9058AJJ Datasheet HTML 1Page - Analog Devices AD9058AJJ Datasheet HTML 2Page - Analog Devices AD9058AJJ Datasheet HTML 3Page - Analog Devices AD9058AJJ Datasheet HTML 4Page - Analog Devices AD9058AJJ Datasheet HTML 5Page - Analog Devices AD9058AJJ Datasheet HTML 6Page - Analog Devices AD9058AJJ Datasheet HTML 7Page - Analog Devices AD9058AJJ Datasheet HTML 8Page - Analog Devices AD9058AJJ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
REV.
–2–
AD9058–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
[ VS =
5 V; VREF = 2 V (internal); ENCODE = 40 MSPS; AIN = 0 V to 2 V; –VREF =
GROUND, unless otherwise noted.]
1 All specifications apply to either of the two ADCs.
Test
AD9058AJD/AJJ
AD9058AKD/AKJ
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
Bits
DC ACCURACY
Differential Nonlinearity
25
°C
I
0.25
0.65
0.25
0.5
LSB
Full
VI
0.8
0.7
LSB
Integral Nonlinearity
25
°C
I
0.5
1.3
0.5
1.0
LSB
Full
VI
1.4
1.25
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
ANALOG INPUT
Input Bias Current
25
°C
I
75
170
75
170
μA
Full
VI
340
340
μA
Input Resistance
25
°C
I
12
28
12
28
k
Ω
Input Capacitance
25
°CIV
10
15
10
15
pF
Analog Bandwidth
25
°C
V
175
175
MHz
REFERENCE INPUT
Reference Ladder Resistance
25
°C
I
120
170
220
120
170
220
Ω
Full
VI
80
270
80
270
Ω
Ladder Tempco
Full
V
0.45
0.45
Ω/°C
Reference Ladder Offset
25
°CI
8
16
8
16
mV
(Top)
Full
VI
24
24
mV
Reference Ladder Offset
25
°CI
8
23
8
23
mV
(Bottom)
Full
VI
33
33
mV
Offset Drift Coefficient
Full
V
50
50
μV/°C
INTERNAL VOLTAGE REFERENCE
Reference Voltage
25
°C
I
1.95
2.0
2.20
1.95
2.0
2.20
V
Full
VI
1.90
2.25
1.90
2.25
V
Temperature Coefficient
Full
V
150
150
μV/°C
Power Supply Rejection
Ratio (PSRR)
25
°C
I
10
25
10
25
mV/V
SWITCHING PERFORMANCE
Maximum Conversion Rate
2
25
°C
I
50
50
60
MSPS
Aperture Delay (tA)25
°C
IV
0.1
0.8
1.5
0.1
0.8
1.5
ns
Aperture Delay Matching
25
°C
IV
0.2
0 5
0.2
0.5
ns
Aperture Uncertainty (Jitter)
25
°C
V
10
10
ps, rms
Output Delay (Valid) (tV)
2
25
°CI
8
5
8
ns
Output Delay (tV) Tempco
Full
V
16
16
ps/
°C
Propagation Delay (tPD)
2
25
°C
I
12
12
19
ns
Propagation Delay (tPD) Tempco
Full
V
–16
–16
ps/
°C
Output Time Skew
25
°CV
1
1
ns
ENCODE INPUT
Logic “1” Voltage
Full
VI
2
2
V
Logic “0” Voltage
Full
VI
0.8
0.8
V
Logic “1” Current
Full
VI
600
600
μA
Logic “0” Current
Full
VI
1000
1000
μA
Input Capacitance
25
°CV
5
5
pF
Pulsewidth (High)
25
°CI
8
8
ns
Pulsewidth (Low)
25
°CI
8
8
ns
E


Podobny numer części - AD9058AJJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058AJJ-REEL AD-AD9058AJJ-REEL Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
More results

Podobny opis - AD9058AJJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
logo
Fujitsu Component Limit...
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
   50 MSPS 3ch 8-bit D/A Converter
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com