Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9058 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9058
Szczegółowy opis  Dual 8-Bit 50 MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9058 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9058 Datasheet HTML 1Page - Analog Devices AD9058 Datasheet HTML 2Page - Analog Devices AD9058 Datasheet HTML 3Page - Analog Devices AD9058 Datasheet HTML 4Page - Analog Devices AD9058 Datasheet HTML 5Page - Analog Devices AD9058 Datasheet HTML 6Page - Analog Devices AD9058 Datasheet HTML 7Page - Analog Devices AD9058 Datasheet HTML 8Page - Analog Devices AD9058 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV.
a
AD9058
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
©
Analog Devices, Inc. All rights reserved.
Dual 8-Bit 50 MSPS
A/D Converter
FUNCTIONAL BLOCK DIAGRAM
8
B
–VREF
AIN
ENCODE
+VREF
8-BIT
ANALOG-
TO-DIGITAL
CONVERTER
8-BIT
ANALOG-
TO-DIGITAL
CONVERTER
+VREF
ENCODE
AIN
–VREF
8
A
AD9058
2VREF
QUADRATURE RECEIVER
8
Q
LO
8
I
AD9058
G
G
90
RF
GENERAL DESCRIPTION
The AD9058 combines two independent, high performance,
8-bit analog-to-digital converters (ADCs) on a single monolithic
IC. Combined with an optional on-board voltage reference,
the AD9058 provides a cost-effective alternative for systems
requiring two or more ADCs.
Dynamic performance (SNR, ENOB) is optimized to provide
up to 50 MSPS conversion rates. The unique architecture
results in low input capacitance while maintaining high per-
formance and low power (<0.5 W/channel). Digital inputs
and outputs are TTL compatible.
Performance has been optimized for an analog input of 2 V p-p
(
±1 V; 0 V to 2 V). Using the on-board 2 V voltage reference,
the AD9058 can be set up for unipolar positive operation
(0 V to 2 V). This internal voltage reference can drive
both ADCs.
Commercial (0
°C to 70°C) and military (–55°C to +125°C)
temperature range parts are available. Parts are supplied in
hermetic 48-lead DIP and 44-lead “J” lead packages.
FEATURES
2 Matched ADCs on Single Chip
50 MSPS Conversion Speed
On-Board Voltage Reference
Low Power (<1 W)
Low Input Capacitance (10 pF)
65 V Power Supplies
Flexible Input Range
APPLICATIONS
Quadrature Demodulation for Communications
Digital Oscilloscopes
Electronic Warfare
Radar
E
2012
781/461-3113


Podobny numer części - AD9058

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058AJD AD-AD9058AJD Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
More results

Podobny opis - AD9058

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
logo
Fujitsu Component Limit...
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
   50 MSPS 3ch 8-bit D/A Converter
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com