Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9058AJJ-REEL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9058AJJ-REEL
Szczegółowy opis  Dual 8-Bit 50 MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9058AJJ-REEL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9058AJJ-REEL Datasheet HTML 3Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 4Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 5Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 6Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 7Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 8Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 9Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 10Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
REV.
AD9058
–8–
AD9058 in through-hole PCB designs, use the AD9058AJD/AKD
with individual pin sockets (AMP Part No. 6-330808-0). Alterna-
tively, surface-mount AD9058 units can be mounted in a
through-hole socket (Circuit Assembly Corporation, Irvine, Cali-
fornia Part No. CA-44SPC-T).
AD9058 APPLICATIONS
Combining two ADCs in a single package is an attractive alterna-
tive in a variety of systems when cost, reliability, and space are
important considerations. Different systems emphasize particular
specifications, depending on how the part is used.
In high density digital radio communications, a pair of high
speed ADCs are used to digitize the in-phase (I) and quadrature
(Q) components of a modulated signal. The signal presented to
each ADC in this type of system consists of message-dependent
amplitudes varying at the symbol rate, which is equal to the
sample rates of the converters.
t
A = APERTURE TIME
t
V = DATA DELAY OF PRECEDING ENCODE
t
PD = OUTPUT PROPAGATION DELAY
ANALOG
INPUT
ENCODE
D0–D7
VALID DATA
FOR N–1
VALID DATA
FOR N
VALID DATA
FOR N+1
DATA
CHANGING
t
V
t
A
N
N+1
N+2
t
PD
Figure 4. Timing Diagram
Figure 5 shows what the analog input to the AD9058 would
look like when observed relative to the sample clock. Signal-to-
noise ratio (SNR), transient response, and sample rate are all
critical specifications in digitizing this “eye pattern.”
ANALOG
INPUT
SAMPLE
CLOCK
Figure 5. I and Q Input Signals
Receiver sensitivity is limited by the SNR of the system. For the
ADC, SNR is measured in the frequency domain and calculated
with a Fast Fourier Transform (FFT). The signal-to-noise ratio
equals the ratio of the fundamental component of the signal
(rms amplitude) to the rms level of the noise. Noise is the sum
of all other spectral components, including harmonic distortion,
but excluding dc.
Although the signal being sampled does not have a significant
slew rate at the instant it is encoded, dynamic performance of
the ADC and the system is still critical. Transient response is
the time required for the AD9058 to achieve full accuracy when
a step function input is applied. Overvoltage recovery time is the
interval required for the AD9058 to recover to full accuracy after an
overdriven analog input signal is reduced to its input range.
Time domain performance of the ADC is also extremely important
in digital oscilloscopes. When a track-/sample-and-hold is used
ahead of the ADC, its operation becomes similar to that described
above for receivers.
The dynamic response to high frequency inputs can be described by
the effective number of bits (ENOB). The effective number of
bits is calculated with a sine wave curve fit and is expressed as:
ENOB
N
LOG
Error measured
Error ideal
=−
()
( )
[]
2
where N is the resolution (number of bits) and measured error is
actual rms error calculated from the converter’s outputs with
a pure sine wave applied as the input.
Maximum conversion rate is defined as the encode (sample)
rate at which SNR of the lowest frequency analog test signal
drops no more than 3 dB below the guaranteed limit.
60
55
50
45
40
35
INPUT FREQUENCY – MHz
0.1
1
10
100
30
+25 C
–55 C
+125 C
Figure 6. Harmonic Distortion vs. Analog Input Frequency
55
50
45
40
35
INPUT FREQUENCY – MHz
0.1
1
10
100
30
+25 C AND +125 C
–55 C
8.0
7.2
6.4
5.5
Figure 7. Dynamic Performance vs. Analog Input
Frequency
E


Podobny numer części - AD9058AJJ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058AJJ-REEL AD-AD9058AJJ-REEL Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ-REEL AD-AD9058AJJ-REEL Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ-REEL AD-AD9058AJJ-REEL Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ-REEL AD-AD9058AJJ-REEL Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
More results

Podobny opis - AD9058AJJ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
logo
Fujitsu Component Limit...
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
   50 MSPS 3ch 8-bit D/A Converter
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com