Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9058AKJ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9058AKJ
Szczegółowy opis  Dual 8-Bit 50 MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9058AKJ Arkusz danych(HTML) 4 Page - Analog Devices

  AD9058AKJ Datasheet HTML 1Page - Analog Devices AD9058AKJ Datasheet HTML 2Page - Analog Devices AD9058AKJ Datasheet HTML 3Page - Analog Devices AD9058AKJ Datasheet HTML 4Page - Analog Devices AD9058AKJ Datasheet HTML 5Page - Analog Devices AD9058AKJ Datasheet HTML 6Page - Analog Devices AD9058AKJ Datasheet HTML 7Page - Analog Devices AD9058AKJ Datasheet HTML 8Page - Analog Devices AD9058AKJ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
REV.
AD9058
–4–
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II. 100% production tested at 25
°C, and sample tested at
specified temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V. Parameter is a typical value only.
VI. All devices are 100% production tested at 25
°C. 100%
production tested at temperature extremes for extended
temperature devices; sample tested at temperature
extremes for commercial/industrial devices.
DIGITAL BITS
+VS
Equivalent Digital Outputs
5V
ENCODE
13k
Equivalent Encode Circuit
AD9058
ENCODE**
AIN**
–VREF
+VS
–VS
–5.2V
+5V
GROUND
COMP
+VREF
+VINT
D0–D7*
+VS
** INDICATES EACH PIN IS CONNECTED THROUGH 100
* INDICATES EACH PIN IS CONNECTED THROUGH 2k
0.1 F
Burn-In Connections
ABSOLUTE MAXIMUM RATINGS
1
Analog Input . . . . . . . . . . . . . . . . . . . . . . . . –1.5 V to +2.5 V
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
–VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.8 V to –6 V
2
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +VS
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Voltage Reference Current . . . . . . . . . . . . . . . . . . . . . . 53 mA
+VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5 V
–VREF
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –1.5 V
Operating Temperature Range
AD9058AJD/AJJ/AKD/AKJ . . . . . . . . . . . . . . . 0
°C to 70°C
Maximum Junction Temperature
3
AD9058AJD/AJJ/AKD/AKJ . . . . . . . . . . . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2For applications in which +V
S may be applied before –V S, or +VS current is
not limited to 500 mA, a reverse-biased clamping diode should be inserted
between ground and –VS to prevent destructive latch up. See section entitled
“Using the AD9058.”
3Typical thermal impedances: 44-lead hermetic J-leaded ceramic package:
θ
JA = 86.4
°C/W;
θ
JC = 24.9
°C/W; 48-lead hermetic: DIP θ
JA = 40
°C/W; θ
JC = 12
°C/W.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9058 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
E


Podobny numer części - AD9058AKJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058AKJ AD-AD9058AKJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AKJ AD-AD9058AKJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AKJ AD-AD9058AKJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AKJ AD-AD9058AKJ Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
More results

Podobny opis - AD9058AKJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
logo
Fujitsu Component Limit...
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
   50 MSPS 3ch 8-bit D/A Converter
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com