Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2540-0000-000N0UU450H Arkusz danych(PDF) 5 Page - Cree, Inc

Numer części CXA2540-0000-000N0UU450H
Szczegółowy opis  LED array expands Crees family of high flux, multi die integrated arrays
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540-0000-000N0UU450H Arkusz danych(HTML) 5 Page - Cree, Inc

  CXA2540-0000-000N0UU450H Datasheet HTML 1Page - Cree, Inc CXA2540-0000-000N0UU450H Datasheet HTML 2Page - Cree, Inc CXA2540-0000-000N0UU450H Datasheet HTML 3Page - Cree, Inc CXA2540-0000-000N0UU450H Datasheet HTML 4Page - Cree, Inc CXA2540-0000-000N0UU450H Datasheet HTML 5Page - Cree, Inc CXA2540-0000-000N0UU450H Datasheet HTML 6Page - Cree, Inc CXA2540-0000-000N0UU450H Datasheet HTML 7Page - Cree, Inc CXA2540-0000-000N0UU450H Datasheet HTML 8Page - Cree, Inc CXA2540-0000-000N0UU450H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
5
XLamp CXa2540 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
cct
range
cri
base order codes
min. luminous flux
@ 1100 ma
2-step order code
4-step order code
min
typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
2700 K
80
---
U2
3680
4115
27H
CXA2540-0000-000N00U227H
27F
CXA2540-0000-000N00U227F
U4
3955
4423
CXA2540-0000-000N00U427H
CXA2540-0000-000N00U427F
v2
4230
4730
CXA2540-0000-000N00v227H
CXA2540-0000-000N00v227F
90
---
S4
2990
3319
27H
CXA2540-0000-000N0US427H
27F
CXA2540-0000-000N0US427F
T2
3200
3552
CXA2540-0000-000N0UT227H
CXA2540-0000-000N0UT227F
T4
3440
3818
CXA2540-0000-000N0UT427H
CXA2540-0000-000N0UT427F
93
95
S2
2780
3086
27H
CXA2540-0000-000N0YS227H
27F
CXA2540-0000-000N0YS227F
S4
2990
3319
CXA2540-0000-000N0YS427H
CXA2540-0000-000N0YS427F
T2
3200
3552
CXA2540-0000-000N0YT227H
CXA2540-0000-000N0YT227F
fluX characteristics, easyWhite order codes and bins (i
f = 1100 ma, tJ = 85 °c) -
continued


Podobny numer części - CXA2540-0000-000N0UU450H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U227H CREE-CXA2540-0000-000N00U227H Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U427F CREE-CXA2540-0000-000N00U427F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U427H CREE-CXA2540-0000-000N00U427H Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U430F CREE-CXA2540-0000-000N00U430F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

Podobny opis - CXA2540-0000-000N0UU450H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com