Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3070-0000-000N0HAB50H Arkusz danych(PDF) 1 Page - Cree, Inc

Numer części CXA3070-0000-000N0HAB50H
Szczegółowy opis  LED array expands Crees family of high flux, multi die integrated arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3070-0000-000N0HAB50H Arkusz danych(HTML) 1 Page - Cree, Inc

  CXA3070-0000-000N0HAB50H Datasheet HTML 1Page - Cree, Inc CXA3070-0000-000N0HAB50H Datasheet HTML 2Page - Cree, Inc CXA3070-0000-000N0HAB50H Datasheet HTML 3Page - Cree, Inc CXA3070-0000-000N0HAB50H Datasheet HTML 4Page - Cree, Inc CXA3070-0000-000N0HAB50H Datasheet HTML 5Page - Cree, Inc CXA3070-0000-000N0HAB50H Datasheet HTML 6Page - Cree, Inc CXA3070-0000-000N0HAB50H Datasheet HTML 7Page - Cree, Inc CXA3070-0000-000N0HAB50H Datasheet HTML 8Page - Cree, Inc CXA3070-0000-000N0HAB50H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product family data sheet
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree
logo, XLamp® and easyWhite® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
cree
® Xlamp® cXa3070 led
Product descriPtion
The XLamp CXA3070 LeD array
expands Cree’s family of high‑flux,
multi-die
integrated
arrays,
offering
high
performance
in
an easy-to-use platform. With
XLamp
lighting-class
reliability,
the CXA3070’s uniform emitting
surface enables both directional
and
non-directional
lighting
applications and luminaire and
lamp designs. Available in 2-step
and 4-step color consistency, and
featuring a 23-mm optical source,
the CXA3070 brings new levels of
flux and efficacy to this form factor.
features
• Available in 4-step and 2-step
easyWhite® bins at 2700 K,
3000 K, 3500 K, 4000 K and
5000 K CCT
• Available in ANSI white bins at
4000 K and 5000 K CCT
• Available in 70- and
80-minimum CRI options
• Forward voltage: 38.5 v
• 85 °C binning and
characterization
• maximum drive current:
2800 mA
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux
bins
table of contents
Characteristics .............................. 2
operating Limits............................ 2
Flux Characteristics, easyWhite
order Codes and Bins .................... 3
Flux Characteristics, ANSI White
order Codes and Bins .................... 4
Relative Spectral power Distribution . 5
electrical Characteristics................. 5
Relative Luminous Flux................... 6
Typical Spatial Distribution.............. 7
performance Groups - Brightness..... 7
performance Groups - Chromaticity.. 8
Cree easyWhite Bins plotted on the
CIe 1931 Color Space .................... 9
Cree ANSI White Bins plotted on
the CIe 1931 Color Space ..............10
Bin and order Code Formats ..........11
mechanical Dimensions..................11
Thermal Design............................12
Notes..........................................13
packaging....................................14


Podobny numer części - CXA3070-0000-000N0HAB50H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
More results

Podobny opis - CXA3070-0000-000N0HAB50H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com