Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFRU9214 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części SFRU9214
Szczegółowy opis  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFRU9214 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  SFRU9214 Datasheet HTML 1Page - Fairchild Semiconductor SFRU9214 Datasheet HTML 2Page - Fairchild Semiconductor SFRU9214 Datasheet HTML 3Page - Fairchild Semiconductor SFRU9214 Datasheet HTML 4Page - Fairchild Semiconductor SFRU9214 Datasheet HTML 5Page - Fairchild Semiconductor SFRU9214 Datasheet HTML 6Page - Fairchild Semiconductor SFRU9214 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFR/U9214
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
-2
10
-1
10
0
150
o
C
25
o
C
@ Notes :
1. V
GS
= 0 V
2. 250
µs Pulse Test
-V
SD
, Source-Drain Voltage
[V]
02
46
8
10
0
2
4
6
8
10
12
V
DS
= -200 V
V
DS
= -125 V
V
DS
= -50 V
@ Notes : I
D
= -1.6 A
Q
G
, Total Gate Charge
[nC]
01234
56
0
2
4
6
8
10
12
@ Note : T
J
= 25
o
C
V
GS
= -20 V
V
GS
= -10 V
-I
D
, Drain Current
[A]
24
68
10
10
-2
10
-1
10
0
25
o
C
150
o
C
- 55
o
C
@ Notes :
1. V
GS
= 0 V
2. V
DS
= -40 V
3. 250
µs Pulse Test
-V
GS
, Gate-Source Voltage
[V]
10
-1
10
0
10
1
10
-2
10
-1
10
0
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
o
C
V
GS
Top :
-15 V
-10 V
-8.0 V
-7.0 V
-6.0 V
-5.5 V
-5.0 V
Bottom : -4.5 V
-V
DS
, Drain-Source Voltage
[V]
10
0
10
1
0
100
200
300
400
C
iss= Cgs+ Cgd ( Cds= shorted )
C
oss= Cds+ Cgd
C
rss= Cgd
@ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS
, Drain-Source Voltage [V]
P-CHANNEL
POWER MOSFET
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current


Podobny numer części - SFRU9214

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SFRU9210 FAIRCHILD-SFRU9210 Datasheet
256Kb / 7P
   Advanced Power MOSFET
More results

Podobny opis - SFRU9214

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com