Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-1461491-3 Arkusz danych(PDF) 10 Page - Tyco Electronics

Numer części 3-1461491-3
Szczegółowy opis  Qualification Test Report
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1461491-3 Arkusz danych(HTML) 10 Page - Tyco Electronics

Back Button 3-1461491-3 Datasheet HTML 6Page - Tyco Electronics 3-1461491-3 Datasheet HTML 7Page - Tyco Electronics 3-1461491-3 Datasheet HTML 8Page - Tyco Electronics 3-1461491-3 Datasheet HTML 9Page - Tyco Electronics 3-1461491-3 Datasheet HTML 10Page - Tyco Electronics 3-1461491-3 Datasheet HTML 11Page - Tyco Electronics 3-1461491-3 Datasheet HTML 12Page - Tyco Electronics 3-1461491-3 Datasheet HTML 13Page - Tyco Electronics 3-1461491-3 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Qualification Test Report
501-79817
Rev. A1
10 of 40
     Insulation resistance measurement
資-45629
Data No.:45629
1.Test conditions
1-1. 試験リレー
; PCN-D3M タイプ
1-1.Sample
;PCN-D3M TYPE
1-2. 測定箇所
; (1)同極接点間
1-2.Test parts
;(1)between open contacts
  (2)コイル-接点間(可動端子と固定端子短絡)
;(2)between coil to contact
1-3. 測定電圧
; DC 500V
1-3.Measurement conditions
;DC500V
1-4. 周囲温度
; 常温(特に空調をしていない雰囲気)
1-4.Ambient temperature
;Standard atmospheric conditions
1-5. 試
; n=20
1-5.Amount of asmple
;n=20
1-6. 試験装置
; 絶縁抵抗計(TOS7100M)
1-6.Measurement instrument
;Super Megohmmeter (TOS7100M)
2.データ
2.Data
2-1. 同極接点間(MΩ)
2-2. コイル-接点間(MΩ)
2-1.between open contacts
2-2.between coil to contact
リレーNO.
測定値
リレーNO.
測定値
Relay No. Measured value
Relay No. Measured value
1
1,000 MIN
1
1,000 MIN
2
1,000 MIN
2
1,000 MIN
3
1,000 MIN
3
1,000 MIN
4
1,000 MIN
4
1,000 MIN
5
1,000 MIN
5
1,000 MIN
6
1,000 MIN
6
1,000 MIN
7
1,000 MIN
7
1,000 MIN
8
1,000 MIN
8
1,000 MIN
9
1,000 MIN
9
1,000 MIN
10
1,000 MIN
10
1,000 MIN
3. 結  果
3.Result
    全数同極接点間、コイル-接点間共に1,000MΩ以上より100MΩ(規格値)は
  保証出来ると判定します。
The specifications of insulation resistance which is 100M ohm between open contacts and
between coil to contact can be guaranteed.
絶縁抵抗測定
1.試験条件


Podobny numer części - 3-1461491-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
3-1461491-3 TEC-3-1461491-3 Datasheet
332Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Podobny opis - 3-1461491-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
GET-30593 CEL-GET-30593 Datasheet
362Kb / 7P
   Qualification Test Report on NE681XX
GET-BC-0004 CEL-GET-BC-0004 Datasheet
606Kb / 20P
   Qualification Test Report on NE292
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
   Reliability Qualification Report
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
   Reliability Qualification Report
logo
Hirose Electric
TR636E-10018 HIROSE-TR636E-10018 Datasheet
846Kb / 40P
   COMPREHENSIVE TEST REPORT
logo
International Rectifier
RDHA710SE10A2S IRF-RDHA710SE10A2S Datasheet
1Mb / 19P
   Neutron Test Report
RDHA710SE10A2F IRF-RDHA710SE10A2F Datasheet
1Mb / 19P
   Neutron Test Report
logo
Infineon Technologies A...
BFS483 INFINEON-BFS483_13 Datasheet
566Kb / 6P
   Qualification report according to AEC-Q101 available
2013-07-25
logo
Kingtronics Internation...
TRIMMING-POTENTIOMETER KINGTRONICS-TRIMMING-POTENTIOMETER Datasheet
378Kb / 3P
   SGS Test Report
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com