Zakładka z wyszukiwarką danych komponentów |
|
1-1410773-4 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers |
|
1-1410773-4 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 26 page 142 Catalog 1773095 Dimensions are shown for Dimensions are in millimeters Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and inches unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 High Speed Backplane Connectors MULTIGIG RT Connector Products (Continued) Signal Modules Tier 1 and Tier 2 recepta- cles contain eye-of-needle compliant pin signal con- tacts; the Tier 1 receptacle also contains ground con- tacts. Each housing fea- tures standoffs for thermal venting, polarization ribs (on end modules) and polarization slots (on the center module) for proper stacking of the modules, and polarization posts to ensure correct orientation on the pc board. Plugs contain eye-of-needle compliant pin signal contacts and pc wafers (blades). The housing features alignment pins to ensure correct orientation on the pc board. Guide Assemblies The guide assembly consists of a guide pin (used with receptacles) and a guide module (used with plugs). The guide pin features a collar and mounting post (having a screw hole or threads) with or without a key. The guide pins are available with various length mounting posts. The mount- ing post is used with cus- tomer supplied hardware to attach the guide pin to the pc board. Guide pins must be chosen according to thickness of pc board being used; otherwise, interfer- ence with proper mating or damage to system compo- nents will occur. Guide pins with keys are available in various keying positions. The guide module features a housing with or without a key and with a screw hole, mounting post, and pilot post. The mounting post and pilot post are used to position the guide module on the pc board, and the screw hole is used with customer supplied hard- ware to attach the module to the pc board. The 10.80 [.425] and 9.00 [.354] guide module is available with or without an ESD contact located inside the module. Right Angle Plug (Daughtercard) Connector Product Selection Guide (Continued) Half Left End Module Full Left End Module Full Right End Module 10.8 mm Guide Module 7.2 mm Guide Module Stand Alone Module Half Right End Module Center Module Housing PC Wafers (Blades) Alignment Pin ESD Contact (Inside Module) (Optional) Housing Pilot Post Screw Hole Mounting Post Key No Key Contact Pads Eye-of-Needle Compliant Pin Signal Contact |
Podobny numer części - 1-1410773-4 |
|
Podobny opis - 1-1410773-4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |