Zakładka z wyszukiwarką danych komponentów |
|
3-1437285-1 Arkusz danych(PDF) 6 Page - Tyco Electronics |
|
3-1437285-1 Arkusz danych(HTML) 6 Page - Tyco Electronics |
6 / 41 page Product Specification 108-78140 Rev. A8 6 of 41 No. ITEM MEASUREMENT METHOD PERFORMANCE 7.5 Voltage Drop As shown in Fig.1 while feeding open voltage of 20 ± 5mV and short circuit current of 10 ± 0.5mA to the mated conector, measurement is taken at the point 75mm apart from the crimped barrel when temperature of the mated contact has saturated and then voltage drop by the wire is subtracted.(Resistance of wire is per Table 1.) Fig.1 A 75 measurement Initial: 5mΩ or less After Durability Test: 10mΩ or less Table 1 Wire size Resistance (mΩ/75mm) 0.5 2.45 0.85 1.56 1.25 1.07 |
Podobny numer części - 3-1437285-1 |
|
Podobny opis - 3-1437285-1 |