Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9142-M5375-EBZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9142-M5375-EBZ
Szczegółowy opis  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9142-M5375-EBZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9142-M5375-EBZ Datasheet HTML 3Page - Analog Devices AD9142-M5375-EBZ Datasheet HTML 4Page - Analog Devices AD9142-M5375-EBZ Datasheet HTML 5Page - Analog Devices AD9142-M5375-EBZ Datasheet HTML 6Page - Analog Devices AD9142-M5375-EBZ Datasheet HTML 7Page - Analog Devices AD9142-M5375-EBZ Datasheet HTML 8Page - Analog Devices AD9142-M5375-EBZ Datasheet HTML 9Page - Analog Devices AD9142-M5375-EBZ Datasheet HTML 10Page - Analog Devices AD9142-M5375-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 7 of 64
DAC LATENCY SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, FIFO level is set to 4 (half of the FIFO depth), unless
otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
WORD INTERFACE MODE
Fine/coarse modulation, inverse sinc, gain/phase compensation off
2× Interpolation
134
DACCLK cycles
4× Interpolation
244
DACCLK cycles
8× Interpolation
481
DACCLK cycles
BYTE INTERFACE MODE
Fine/coarse modulation, inverse sinc, gain/phase compensation off
2× Interpolation
145
DACCLK cycles
4× Interpolation
271
DACCLK cycles
8× Interpolation
506
DACCLK cycles
INDIVIDUAL FUNCTION BLOCKS
Modulation
Fine
17
DACCLK cycles
Coarse
10
DACCLK cycles
Inverse Sinc
20
DACCLK cycles
Phase Compensation
12
DACCLK cycles
Gain Compensation
16
DACCLK cycles
LATENCY VARIATION SPECIFICATIONS1
Table 4.
Parameter
Min
Typ
Max
Unit
DAC LATENCY VARIATION
SYNC Off
2
DACCLK cycles
SYNC On
1
DACCLK cycles
1
DAC latency is defined as the elapsed time from a data sample clocked at the input to the AD9142 until the analog output begins to change.
AC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless otherwise noted.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
−14 dBFS single tone
fDAC = 737.28 MSPS
fOUT = 200 MHz
BW = 125 MHz
85
dBc
BW = 270 MHz
80
dBc
fDAC = 983.04 MSPS
fOUT = 200 MHz
BW = 360MHz
85
dBc
fDAC = 1228.8 MSPS
fOUT = 280 MHz
BW = 200MHz
85
dBc
BW = 500MHz
75
dBc
fDAC = 1474.56 MSPS
BW = 737MHz
fOUT = 10 MHz
85
dBc
BW = 400MHz
fOUT = 280 MHz
80
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
−6 dBFS each tone
fDAC = 737.28 MSPS
fOUT = 200 MHz
80
dBc
fDAC = 983.04 MSPS
fOUT = 200 MHz
82
dBc
fDAC = 1228.8 MSPS
fOUT = 280 MHz
80
dBc
fDAC = 1474.56 MSPS
fOUT = 10 MHz
85
dBc
fOUT = 280 MHz
79
dBc


Podobny numer części - AD9142-M5375-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142A-M5372-EBZ AD-AD9142A-M5372-EBZ Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142A-M5375-EBZ AD-AD9142A-M5375-EBZ Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142ABCPZ AD-AD9142ABCPZ Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142ABCPZRL AD-AD9142ABCPZRL Datasheet
1Mb / 73P
   Multiple chip synchronization
More results

Podobny opis - AD9142-M5375-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com