Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC06XSD200FK Arkusz danych(PDF) 6 Page - Freescale Semiconductor, Inc

Numer części MC06XSD200FK
Szczegółowy opis  Dual 6.0 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC06XSD200FK Arkusz danych(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC06XSD200FK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
06XSD200
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are relative to ground unless mentioned otherwise. Exceeding these ratings may cause permanent damage.
Parameter
Symbol
Maximum ratings
Unit
ELECTRICAL RATINGS
VPWR Supply Voltage Range
Voltage Transient at 25 °C (500 ms)
Reverse Voltage at 25 °C
Fast Negative Transient Pulses (ISO 7637-2 pulse #1, VPWR=14V & Ri=10)
VPWR
58
-28
-60
V
VDD Supply Voltage Range
VDD
-0.3 to 5.5
V
Voltage on Input pins(1) (except IN[0:1]) and Output pins(2)(except HS[0:1])
VMAX,LOGIC(1)
-0.3 to 5.5
V
Voltage on Fail-safe Output (FSOB)
VFSO
-0.3 to 58
V
Voltage on SO pin
VSO
-0.3 to VDD+0.3
V
Voltage (continuous, max. allowable) on IN[0:1] Inputs
VIN,MAX
58
V
Voltage (continuous, max. allowable) on output pins (HS [0:1]),
VHS[0:1]
-28 to 58
V
Rated Continuous Output Current per channel(3)
IHS[0:1]
9.0
A
Maximum allowable energy dissipation per channel and two parallel channels,
single-pulse method(4)
ECL[0:1]_SING
480
mJ
Maximum allowable energy dissipation per channel and two parallel channels,
repetitive-pulses condition. 1(5)
ECL[0:1]_REP1
350
mJ
Maximum allowable energy dissipation per channel and two parallel channels,
repetitive-pulses condition. 2(6)
ECL[0:1]_REP2
350
mJ
ESD Voltage(7)
Human Body Model (HBM) for HS[0:1], VPWR and GND
Human Body Model (HBM) for other pins
Charge Device Model (CDM)
Package Corner pins (1, 13, 19, 20)
All Other pins
VESD1
VESD2
VESD3
VESD4
±8000
±2000
±750
±500
V
Notes:
1.
Concerned Input pins are: CONF[0:1], RSTB, SI, SCLK, Clock, and CSB.
2.
Concerned Output pins are: CSNS, SYNC, and FSB.
3.
Output current rating valid as long as maximum junction temperature is not exceeded. For computation of the maximum allowable output
current, the thermal resistance of the package & the underlying heatsink must be taken into account
4.
Single pulse Energy dissipation, Single-pulse short-circuit method (LL = 2.0 mH, R = 30 mVPWR = 28 V, TJ = 150 C initial).
5.
Dissipation during repetitive cycles: switch off upon short-circuit (LL = 20 µH, R = 200 mVPWR = 28 V, TJ = 125 C initial, fS<2.0 Hz).
6.
Dissipation during repetitive cycles: switch off upon short-circuit (LL = 40 µH, R = 400 mVPWR = 28 V, TJ = 125 C initial, fS<2.0 Hz).
7.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 ), and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).


Podobny numer części - MC06XSD200FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC06XSD200FK NXP-MC06XSD200FK Datasheet
3Mb / 59P
   Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
More results

Podobny opis - MC06XSD200FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
   Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
logo
Freescale Semiconductor...
06XS4200 FREESCALE-06XS4200 Datasheet
2Mb / 61P
   Dual 24 V 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
logo
Freescale Semiconductor...
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
16XSD200 FREESCALE-16XSD200 Datasheet
1Mb / 60P
   Dual 16 mOhm High Side Switch
logo
NXP Semiconductors
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
logo
Freescale Semiconductor...
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com