Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC07XSC200EK Arkusz danych(PDF) 9 Page - Freescale Semiconductor, Inc

Numer części MC07XSC200EK
Szczegółowy opis  Dual High Side Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC07XSC200EK Arkusz danych(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC07XSC200EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
07XSC200
OUTPUTS HS0 TO HS1 (CONTINUED)
HS[0,1] Current Sense Ratio (6.0 V < VHS[0:1] < 20 V, CSNS < 5.0 V)
(14)
• 28W bit = 0
• CSNS_ratio bit = 0
• CSNS_ratio bit = 1
• 28W bit = 1
• CSNS_ratio bit = 0
• CSNS_ratio bit = 1
CSR0_0
CSR1_0
CSR0_1
CSR1_1
1/10700
1/63600
1/5350
1/31800
HS[0,1] Current Sense Ratio (CSR0) Accuracy 
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 0
25 and 125
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 5.0 A
•IHS[0:1] = 3.0 A
•IHS[0:1] = 1.5 A
-40
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 5.0 A
•IHS[0:1] = 3.0 A
•IHS[0:1] = 1.5 A
CSR0_0_ACC
-15
-22
-27
-30
-20
-27
-30
-40
15
22
27
30
20
27
30
40
%
HS[0,1] Current Recopy Accuracy with one calibration point
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 0
(15)
•IHS[0:1] = 5.0 A
CSR0_0_ACC
(CAL)
-5.0
5.0
%
HS[0,1] Current Sense Ratio (CSR0) Accuracy 
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 1
25 and 125
C
•IHS[0:1] = 3.0 A
•IHS[0:1] = 1.5 A
-40
C
•IHS[0:1] = 3.0 A
•IHS[0:1] = 1.5 A
CSR0_1_ACC
-25
-30
-30
-40
25
30
30
40
%
HS[0,1] Current Recopy Accuracy with one calibration point
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 1
(15)
•IHS[0:1] = 3.0 A
CSR0_1_ACC
(CAL)
-5.0
5.0
%
HS[0,1] CSR0 Current Recopy Temperature Drift 
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 0(16)
•IHS[0:1] = 5.0 A
(CSR0_0)/(T)
0.04
%/
C
Notes
14.
Current sense ratio = ICSNS / IHS[0:1]
15.
Based on statistical analysis. It is not production tested.
16.
Based on statistical data: delta(CSR0)/delta(T)={(measured ICSNS at T1 - measured ICSNS at T2) / measured ICSNS at room} / {T1-T2}. No
production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Podobny numer części - MC07XSC200EK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
More results

Podobny opis - MC07XSC200EK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33143 FREESCALE-MC33143 Datasheet
281Kb / 8P
   Dual High-Side Switch
logo
Motorola, Inc
MC33289 MOTOROLA-MC33289 Datasheet
345Kb / 10P
   Dual High-Side Switch
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
October 2001-Rev 2.010
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
logo
Freescale Semiconductor...
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
logo
List of Unclassifed Man...
B2526 ETC1-B2526 Datasheet
189Kb / 7P
   Dual USB High Side Power Switch
G526 ETC-G526 Datasheet
89Kb / 6P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com