Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE12S0A0V10PNFC Arkusz danych(PDF) 8 Page - Delta Electronics, Inc.

Numer części NE12S0A0V10PNFC
Szczegółowy opis  Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DELTA [Delta Electronics, Inc.]
Strona internetowa  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0V10PNFC Arkusz danych(HTML) 8 Page - Delta Electronics, Inc.

Back Button NE12S0A0V10PNFC Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0V10PNFC Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0V10PNFC Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0V10PNFC Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0V10PNFC Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0V10PNFC Datasheet HTML 9Page - Delta Electronics, Inc. NE12S0A0V10PNFC Datasheet HTML 10Page - Delta Electronics, Inc. NE12S0A0V10PNFC Datasheet HTML 11Page - Delta Electronics, Inc. NE12S0A0V10PNFC Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DS_NE12S10A_07092013
8
Output Capacitance
There is output capacitor on the NE series modules.
Hence, an external output capacitor is required for stable
operation.
Reflected Ripple Current and Output Ripple and
Noise Measurement
The measurement set-up outlined in Figure 23 has been
used for both input reflected/ terminal ripple current and
output voltage ripple and noise measurements on NE
series converters.
DC-DC Converter
1uF
Ceramic
Tan
10uF
Vin+
Load
Ltest
Cs
Cin
Output voltage ripple noise measurement point
Input reflected current measurement point
Cs=270
μF*1, Ltest=2uH, Cin=270μF*1
Figure 23: Input reflected ripple/ capacitor ripple current and
output voltage ripple and noise measurement setup for NE10
FEATURES DESCRIPTIONS (CON.)
Voltage Margining Adjustment
Output voltage margin adjusting can be implemented in
the NE modules by connecting a resistor, Rmargin-up, from
the Trim pin to the Ground for margining up the output
voltage. Also, the output voltage can be adjusted lower
by connecting a resistor, Rmargin-down, from the Trim pin to
the voltage source Vt. Figure 22 shows the circuit
configuration for output voltage margining adjustment.
Vin
Vout
Enable
Ground
Ground
Trim
ND 6A/10A
Rmargin-down
Rs
Rmargin-up
Figure 22: Circuit configuration for output voltage margining
Paralleling
NE10 converters do not have built-in current sharing
(paralleling) ability. Hence, paralleling of multiple NE10
converter is not recommended.
NE6A/10A


Podobny numer części - NE12S0A0V10PNFC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
NE12S0A0V10PNFC DELTA-NE12S0A0V10PNFC Datasheet
656Kb / 12P
   Voltage Margining Adjustment
More results

Podobny opis - NE12S0A0V10PNFC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com