Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC547 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części BC547
Szczegółowy opis  45 V, 100 mA NPN general-purpose transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC547 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button BC547 Datasheet HTML 2Page - NXP Semiconductors BC547 Datasheet HTML 3Page - NXP Semiconductors BC547 Datasheet HTML 4Page - NXP Semiconductors BC547 Datasheet HTML 5Page - NXP Semiconductors BC547 Datasheet HTML 6Page - NXP Semiconductors BC547 Datasheet HTML 7Page - NXP Semiconductors BC547 Datasheet HTML 8Page - NXP Semiconductors BC547 Datasheet HTML 9Page - NXP Semiconductors BC547 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BC847_BC547_SER_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 10 December 2008
6 of 15
NXP Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
VBE decreases by approximately 2 mV/K with increasing temperature.
Table 8.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =30V; IE = 0 A
--15
nA
VCB =30V; IE =0A;
Tj = 150 °C
--5
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
hFE group A
VCE =5V; IC =10 µA
-
90
-
hFE group B
VCE =5V; IC =10 µA
-
150
-
hFE group C
VCE =5V; IC =10 µA
-
270
-
DC current gain
VCE =5V; IC = 2 mA
110
-
800
hFE group A
VCE =5V; IC = 2 mA
110
180
220
hFE group B
VCE =5V; IC = 2 mA
200
290
450
hFE group C
VCE =5V; IC = 2 mA
420
520
800
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
90
200
mV
IC = 100 mA; IB =5mA
[1] -
200
400
mV
VBEsat
base-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
[2] -
700
-
mV
IC = 100 mA; IB =5mA
[2] -
900
-
mV
VBE
base-emitter voltage
IC = 2 mA; VCE =5V
[2] 580
660
700
mV
IC = 10 mA; VCE = 5 V
-
-
770
mV
Cc
collector capacitance IE =ie = 0 A; VCB =10V;
f=1MHz
-
-
1.5
pF
Ce
emitter capacitance
IC =ic = 0 A; VEB = 0.5 V;
f=1MHz
-11
-
pF
fT
transition frequency
IC = 10 mA; VCE =5V;
f = 100 MHz
100
-
-
MHz
NF
noise figure
IC = 200 µA; VCE =5V;
RS =2kΩ; f = 1 kHz;
B = 200 Hz
-
2
10
dB


Podobny numer części - BC547

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BC547 FAIRCHILD-BC547 Datasheet
141Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
ARTSCHIP ELECTRONICS CO...
BC547 ARTSCHIP-BC547 Datasheet
179Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Rectron Semiconductor
BC547 RECTRON-BC547 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
More results

Podobny opis - BC547

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC847 NXP-BC847 Datasheet
96Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
logo
Nexperia B.V. All right...
BC847XMB_SER NEXPERIA-BC847XMB_SER Datasheet
1,007Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
logo
NXP Semiconductors
BC847B.235 NXP-BC847B.235 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Nexperia B.V. All right...
BC847XW_SER NEXPERIA-BC847XW_SER Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
BC847XM_SER NEXPERIA-BC847XM_SER Datasheet
228Kb / 11P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
NXP Semiconductors
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
BC847X-Q_SER NEXPERIA-BC847X-Q_SER Datasheet
226Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com