Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1519CSP Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TDA1519CSP
Szczegółowy opis  22 W BTL or 2 x 11 W stereo power amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1519CSP Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TDA1519CSP Datasheet HTML 4Page - NXP Semiconductors TDA1519CSP Datasheet HTML 5Page - NXP Semiconductors TDA1519CSP Datasheet HTML 6Page - NXP Semiconductors TDA1519CSP Datasheet HTML 7Page - NXP Semiconductors TDA1519CSP Datasheet HTML 8Page - NXP Semiconductors TDA1519CSP Datasheet HTML 9Page - NXP Semiconductors TDA1519CSP Datasheet HTML 10Page - NXP Semiconductors TDA1519CSP Datasheet HTML 11Page - NXP Semiconductors TDA1519CSP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2004 Jan 28
8
NXP Semiconductors
Product specification
22 W BTL or 2
 11 W
stereo power amplifier
TDA1519C
AC CHARACTERISTICS
VP =14.4V; RL =4 ; f = 1 kHz; Tamb =25 C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Stereo application (see Fig.6)
Po
output power
note 1
THD = 0.5 %
4
5
W
THD = 10 %
5.5
6.0
W
RL =2 ; note 1
THD = 0.5 %
7.5
8.5
W
THD = 10 %
10
11
W
THD
total harmonic distortion
Po =1W
0.1
%
fro(l)
low frequency roll-off
3dB; note2
45
Hz
fro(h)
high frequency roll-off
1dB
20

kHz
Gv(cl)
closed-loop voltage gain
39
40
41
dB
SVRR
supply voltage ripple rejection
on; notes 3 and 4
40

dB
on; notes 3 and 5
45

dB
mute; notes 3 and 6
45

dB
standby; notes 3
and 6
80

dB
Z
i
input impedance
50
60
75
k
Vn(o)(rms)
noise output voltage (RMS value)
note 7
on; RS =0 
150
V
on; RS =10k
250
500
V
mute; note 8
120
V
cs
channel separation
RS =10k
40

dB
G
v(ub)
channel unbalance
0.1
1
dB
BTL application (see Fig.7)
Po
output power
note 1
THD = 0.5 %
15
17
W
THD = 10 %
20
22
W
VP = 13.2 V; note 1
THD = 0.5 %
13
W
THD = 10 %
17.5
W
THD
total harmonic distortion
Po =1W
0.1
%
Bp
power bandwidth
THD = 0.5 %;
Po = 1 dB; with
respect to 15 W
35 to 15000
Hz
fro(l)
low frequency roll-off
1dB; note2
45
Hz
fro(h)
high frequency roll-off
1dB
20

kHz
Gv(cl)
closed-loop voltage gain
45
46
47
dB


Podobny numer części - TDA1519CSP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1519CSP PHILIPS-TDA1519CSP Datasheet
113Kb / 20P
   22WBTL or 2 x 11Wstereo power amplifier
2000 Mar 08
More results

Podobny opis - TDA1519CSP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com