Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1562Q Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TDA1562Q
Szczegółowy opis  70 W high efficiency power amplifier with diagnostic facility
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1562Q Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TDA1562Q Datasheet HTML 6Page - NXP Semiconductors TDA1562Q Datasheet HTML 7Page - NXP Semiconductors TDA1562Q Datasheet HTML 8Page - NXP Semiconductors TDA1562Q Datasheet HTML 9Page - NXP Semiconductors TDA1562Q Datasheet HTML 10Page - NXP Semiconductors TDA1562Q Datasheet HTML 11Page - NXP Semiconductors TDA1562Q Datasheet HTML 12Page - NXP Semiconductors TDA1562Q Datasheet HTML 13Page - NXP Semiconductors TDA1562Q Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2003 Feb 12
10
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
QUALITY SPECIFICATION
Quality in accordance with
“SNW-FQ-611D”, if this type is used as an audio amplifier.
THERMAL CHARACTERISTICS
DC CHARACTERISTICS
VP = 14.4 V; RL =4 Ω; Tamb =25 °C; measurements in accordance with Fig.9; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-c)
thermal resistance from junction to case
1.5
K/W
Rth(j-a)
thermal resistance from junction to ambient
in free air
40
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies VP1 and VP2
VP
supply voltage
8
14.4
18
V
VP(th+)
supply threshold voltage
mute
→ on
7
9V
VP(th−)
supply threshold voltage
on
→ mute
7
9V
VP(H1)
hysteresis
(Vth+ − Vth−)−
200
mV
Iq
quiescent current
on and mute;
RL = open circuit
110
150
mA
Istb
standby current
standby
350
µA
Amplifier outputs OUT+ and OUT
VO
output voltage
on and mute
6.5
V
V
OO
output offset voltage
on and mute
−−
100
mV
∆V
OO
delta output offset voltage
on
↔ mute
−−
30
mV
Mode select input MODE
VI
input voltage
0
VP
V
II
input current
VMODE = 14.4 V
15
20
µA
Vth1+
threshold voltage 1+
standby
→ mute
1
2.2
V
Vth1−
threshold voltage 1
mute
→ standby
0.9
2V
VmsH1
hysteresis
(Vth1+ − Vth1−)−
200
mV
Vth2+
threshold voltage 2+
mute
→ on
3.3
4.2
V
Vth2−
threshold voltage 2
on
→ mute
3.3
4V
VmsH2
hysteresis
(Vth2+ − Vth2−)−
200
mV
Status I/O STAT
PIN STAT AS INPUT
Vst
input voltage
0
VP
V
Ist(H)
HIGH-level input current
VSTAT = 14.4 V
3.5
4.5
mA
Ist(L)
LOW-level input current
VSTAT =0V
−−350
−400
µA
Vth1+
threshold voltage 1+
fast mute
→ class-B −−
2V
Vth1−
threshold voltage 1
class-B
→ fast mute 1
−−
V
VstH1
hysteresis
(Vth1+ − Vth1−)−
200
mV


Podobny numer części - TDA1562Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
More results

Podobny opis - TDA1562Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
logo
STMicroelectronics
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
137Kb / 11P
   45W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
October 1998
E-TDA7396 STMICROELECTRONICS-E-TDA7396 Datasheet
285Kb / 11P
   45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
logo
Sanyo Semicon Device
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
logo
Tyco Electronics
AM52-0001 MACOM-AM52-0001 Datasheet
79Kb / 6P
   1.2 W High Efficiency Power Amplifier 800 - 960 MHz
logo
Qorvo, Inc
QPA9903 QORVO-QPA9903_V01 Datasheet
1Mb / 14P
   1805-1880MHz 4 W High-Efficiency Amplifier
Aug. 10th, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com