Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3UL22 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części 3UL22
Szczegółowy opis  Monitoring and Control Devices
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

3UL22 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  3UL22 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
7/5
Siemens LV 1 T · 2006
SIMOCODE pro 3UF7
motor management and control devices
Overview
SIMOCODE pro is a flexible, modular motor management sys-
tem for motors with constant speeds in the low-voltage perfor-
mance range. It optimizes the connection between I&C and
motor feeder, increases plant availability and allows significant
savings to be made for startup, operation and maintenance of a
system.
When SIMOCODE pro is installed in the low-voltage switchgear
cabinet, it is the intelligent interface between the higher-level
automation system and the motor feeder and includes the
following:
• Multifunctional, solid-state full motor protection which is
independent of the automation system
• Flexible software instead of hardware for the motor control
• Detailed operational, service and diagnostics data
• Open communication through PROFIBUS DP, the standard for
fieldbus systems
Design
General
SIMOCODE pro is a modularly constructed motor management
system which is subdivided into two device series with different
functional scopes:
• SIMOCODE pro C
• SIMOCODE pro V
Both series (systems) are made up of different hardware
components (modules):
Per feeder each system always comprises one basic unit and
one separate current measuring module. The two modules are
connected together electrically through the system interface
with a connection cable and can be mounted mechanically
connected as a unit (one behind the other) or separately (side
by side). The motor current to be monitored is decisive only for
the choice of current measuring module.
An operator panel for mounting in the control cabinet door is
optionally connectable through a second system interface on
the basic unit. Both the current measurement module and the
operator panel are electrically supplied by the basic unit through
the connection cable. More inputs, outputs and functions can be
added to basic unit 2 (SIMOCODE pro V) by means of optional
expansion modules, thus supplementing the inputs and outputs
already existing on the basic unit.
All modules are connected together by connection cables.
The connection cables are available in various lengths. The
maximum distance between the modules (e.g. between the
basic unit and the current measurement module) must not
exceed 2 m. The total length of all the connection cables in a
single system must not be more than 3 m.
SIMOCODE pro designed for mixed operation
Depending on functional requirements, the two systems can be
used simultaneously without any problems and without any addi-
tional outlay in a low-voltage system. SIMOCODE pro C is fully
upward-compatible to SIMOCODE pro V. The same compo-
nents are used. The parameterization of SIMOCODE pro C can
be transferred without any problems. Both systems have the
same removable terminals and the same terminal designations.
System
SIMOCODE pro C
SIMOCODE pro V
Modules
• Basic unit 1
• Basic unit 2
• Current measuring module
• Current measuring module or
current/voltage measuring
voltage
• Operator panel (optional)
• Operator panel (optional)
• Expansion modules
(optional)


Podobny opis - 3UL22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com