Zakładka z wyszukiwarką danych komponentów |
|
3TK282 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers |
|
3TK282 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 114 page SIMOCODE 3UF Motor Management and Control Devices 7/5 Siemens LV 1 T · 2006 SIMOCODE pro 3UF7 motor management and control devices ■Overview SIMOCODE pro is a flexible, modular motor management sys- tem for motors with constant speeds in the low-voltage perfor- mance range. It optimizes the connection between I&C and motor feeder, increases plant availability and allows significant savings to be made for startup, operation and maintenance of a system. When SIMOCODE pro is installed in the low-voltage switchgear cabinet, it is the intelligent interface between the higher-level automation system and the motor feeder and includes the following: • Multifunctional, solid-state full motor protection which is independent of the automation system • Flexible software instead of hardware for the motor control • Detailed operational, service and diagnostics data • Open communication through PROFIBUS DP, the standard for fieldbus systems ■Design General SIMOCODE pro is a modularly constructed motor management system which is subdivided into two device series with different functional scopes: • SIMOCODE pro C • SIMOCODE pro V Both series (systems) are made up of different hardware components (modules): Per feeder each system always comprises one basic unit and one separate current measuring module. The two modules are connected together electrically through the system interface with a connection cable and can be mounted mechanically connected as a unit (one behind the other) or separately (side by side). The motor current to be monitored is decisive only for the choice of current measuring module. An operator panel for mounting in the control cabinet door is optionally connectable through a second system interface on the basic unit. Both the current measurement module and the operator panel are electrically supplied by the basic unit through the connection cable. More inputs, outputs and functions can be added to basic unit 2 (SIMOCODE pro V) by means of optional expansion modules, thus supplementing the inputs and outputs already existing on the basic unit. All modules are connected together by connection cables. The connection cables are available in various lengths. The maximum distance between the modules (e.g. between the basic unit and the current measurement module) must not exceed 2 m. The total length of all the connection cables in a single system must not be more than 3 m. SIMOCODE pro designed for mixed operation Depending on functional requirements, the two systems can be used simultaneously without any problems and without any addi- tional outlay in a low-voltage system. SIMOCODE pro C is fully upward-compatible to SIMOCODE pro V. The same compo- nents are used. The parameterization of SIMOCODE pro C can be transferred without any problems. Both systems have the same removable terminals and the same terminal designations. System SIMOCODE pro C SIMOCODE pro V Modules • Basic unit 1 • Basic unit 2 • Current measuring module • Current measuring module or current/voltage measuring voltage • Operator panel (optional) • Operator panel (optional) • Expansion modules (optional) |
Podobny opis - 3TK282 |