Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA0223DGQRG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TPA0223DGQRG4
Szczegółowy opis  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0223DGQRG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  TPA0223DGQRG4 Datasheet HTML 1Page - Texas Instruments TPA0223DGQRG4 Datasheet HTML 2Page - Texas Instruments TPA0223DGQRG4 Datasheet HTML 3Page - Texas Instruments TPA0223DGQRG4 Datasheet HTML 4Page - Texas Instruments TPA0223DGQRG4 Datasheet HTML 5Page - Texas Instruments TPA0223DGQRG4 Datasheet HTML 6Page - Texas Instruments TPA0223DGQRG4 Datasheet HTML 7Page - Texas Instruments TPA0223DGQRG4 Datasheet HTML 8Page - Texas Instruments TPA0223DGQRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPA0223
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS277C – JANUARY 2000 – REVISED NOVEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Supply ripple rejection ratio
vs Frequency
1, 2
IDD
Supply current
vs Supply voltage
3
P
Output power
vs Supply voltage
4, 5
PO
Output power
vs Load resistance
6, 7
vs Frequency
8, 9, 10, 11
THD+N
Total harmonic distortion plus noise
vs Output power
12, 13, 14, 15,
16, 17
Vn
Output noise voltage
vs Frequency
18, 19
Closed loop response
20, 21
Figure 1
–50
–70
–80
–100
20
100
1 k
–30
–20
0
10 k 20 k
–90
–60
–40
–10
RL = 8 Ω
CB = 1 µF
Mode = Mono
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
Figure 2
–50
–70
–80
–100
20
100
1 k
–30
–20
0
10 k 20 k
–90
–60
–40
–10
RL = 32 Ω
CB = 1 µF
Mode = Stereo
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz


Podobny numer części - TPA0223DGQRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0223DGQ TI-TPA0223DGQ Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

Podobny opis - TPA0223DGQRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213_07 Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com