Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD13N10L Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FQD13N10L
Szczegółowy opis  N-Channel QFET MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD13N10L Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FQD13N10L Datasheet HTML 1Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 2Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 3Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 4Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 5Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 6Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 7Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 8Page - Fairchild Semiconductor FQD13N10L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2000 Fairchild Semiconductor Corporation
FQD13N10L / FQU13N10L Rev. C2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μs Pulse Test
25℃
V
SD, Source-Drain voltage [V]
02
468
10
10
-1
10
0
10
1
※ Notes :
1. V
DS = 30V
2. 250μs Pulse Test
-55℃
150℃
25℃
V
GS
, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
0
10
1
V
GS
Top :
10.0 V
8.0 V
6.0 V
5.0 V
4.5 V
4.0 V
3.5 V
Bottom : 3.0 V
※ Notes :
1. 250μs Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
0
102030
40
0.0
0.2
0.4
0.6
0.8
V
GS = 10V
V
GS = 5V
※ Note : T
J = 25
I
D, Drain Current [A]
04
8
12
16
0
2
4
6
8
10
12
V
DS = 50V
V
DS = 80V
※ Note : I
D = 12.8A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
200
400
600
800
1000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
www.fairchildsemi.com


Podobny numer części - FQD13N10L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQD13N10L VBSEMI-FQD13N10L Datasheet
1,010Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
FQD13N10L UMW-FQD13N10L Datasheet
854Kb / 7P
   100V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQD13N10LTF VBSEMI-FQD13N10LTF Datasheet
1,010Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
FQD13N10LTM UMW-FQD13N10LTM Datasheet
854Kb / 7P
   100V N-Channel MOSFET
More results

Podobny opis - FQD13N10L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com