Zakładka z wyszukiwarką danych komponentów |
|
Q2006L4 Arkusz danych(PDF) 1 Page - Littelfuse |
|
Q2006L4 Arkusz danych(HTML) 1 Page - Littelfuse |
1 / 10 page ©2004 Littelfuse, Inc. E2 - 1 http://www.littelfuse.com Thyristor Product Catalog +1 972-580-7777 * Selected Packag es U.L. RECOGN IZED File #E7163 9 Triacs (0.8 A to 35 A) E2 General Description These gated triacs from Teccor Electronics are part of a broad line of bidirectional semiconductors. The devices range in current ratings from 0.8 A to 35 A and in voltages from 200 V to 1000 V. The triac may be gate triggered from a blocking to conduction state for either polarity of applied voltage and is designed for AC switching and phase control applications such as speed and tem- perature modulation controls, lighting controls, and static switch- ing relays. The triggering signal is normally applied between the gate and MT1. Isolated packages are offered with internal construction, having the case or mounting tab electrically isolated from the semicon- ductor chip. This feature facilitates the use of low-cost assembly and convenient packaging techniques. Tape-and-reel capability is available. See “Packing Options” section of this catalog. All Teccor triacs have glass-passivated junctions to ensure long- term device reliability and parameter stability. Teccor's glass- passivated junctions offer a rugged, reliable barrier against junc- tion contamination. Variations of devices covered in this data sheet are available for custom design applications. Consult factory for more information. R oHS Features •RoHS Compliant • Electrically-isolated packages • Glass-passivated junctions • Voltage capability — up to 1000 V • Surge capability — up to 200 A Compak Package • Surface mount package — 0.8 A and 1 A series • New small profile three-leaded Compak package • Packaged in embossed carrier tape with 2,500 devices per reel • Can replace SOT-223 E2 MT2 MT1 G *TO-220 3-lead Compak TO-92 TO-251 V-Pak TO-263 D2Pak TO-92 TO-252 D-Pak *TO-3 Fastpak TO-202 |
Podobny numer części - Q2006L4 |
|
Podobny opis - Q2006L4 |