Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA15QS400-4TI Arkusz danych(PDF) 7 Page - Littelfuse

Numer części LA15QS400-4TI
Szczegółowy opis  Traditional Semiconductor Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS400-4TI Arkusz danych(HTML) 7 Page - Littelfuse

  LA15QS400-4TI Datasheet HTML 1Page - Littelfuse LA15QS400-4TI Datasheet HTML 2Page - Littelfuse LA15QS400-4TI Datasheet HTML 3Page - Littelfuse LA15QS400-4TI Datasheet HTML 4Page - Littelfuse LA15QS400-4TI Datasheet HTML 5Page - Littelfuse LA15QS400-4TI Datasheet HTML 6Page - Littelfuse LA15QS400-4TI Datasheet HTML 7Page - Littelfuse LA15QS400-4TI Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
POWR-GARD® Fuse Datasheet
Rev: 4-C-080613
7 of 8
la70QS alTernaTe dimenSion SemiconducTor FuSeS
700 VAC/VDC • Very Fast-Acting • 35-800 A
ampere
raTing
caTalog
number
mounTing
Type
maximum
clearing i2t
@700 Vac
(a2s x 103)
WaTTS loSS
@ raTed
currenT (W)
35
LA70QS35-4
4
0.47
6.2
40
LA70QS40-4
4
0.58
7.5
50
LA70QS50-4
4
0.88
9.8
60
LA70QS60-4
4
1.2
12
70
LA70QS70-4
4
1.8
15
80
LA70QS80-4
4
2.3
16
90
LA70QS90-4
4
3
20
100
LA70QS100-4
4
3.6
24
125
LA70QS125-4
4
6.9
22
125
LA70QS125-4K
4K
6.9
22
150
LA70QS150-4
4
11
28
150
LA70QS150-4K
4K
11
29
175
LA70QS175-4
4
14
35
175
LA70QS175-4K
4K
14
35
200
LA70QS200-4
4
19
41
200
LA70QS200-4K
4
19
41
250
LA70QS250-4
4
42
42
300
LA70QS300-4
4
55
53
350
LA70QS350-4
4
72
64
400
LA70QS400-4
4
99
75
450
LA70QS450-4
4
125
75
450
LA70QS450-4K
4K
125
75
500
LA70QS500-4
4
150
92
500
LA70QS500-4K
4K
160
92
600
LA70QS600-4
4
222
116
600
LA70QS600-4K
4K
222
116
700
LA70QS700-4
4
332
125
800
LA70QS800-4
4
433
143
Dimensions for reference only.
ampereS
mounTing
Type
dimenSionS incheS (mm)
a
b
c
d
e
F
g
h
35 – 100
4
4.38 (111)
1.00 (25.4)
2.88 (73)
3.69 (93.6)
3.50 (88.9)
0.31 (7.9)
0.75 (19.0)
0.13 (3.2)
125 – 200
4
4.38 (111)
1.22 (31.0)
2.88 (73)
3.69 (93.6)
3.56 (90.5)
0.31 (7.9)
1.00 (25.4)
0.19 (4.8)
125 – 200
4K
5.09 (129)
1.22 (31.0)
2.88 (73)
4.19 (106)
3.50 (88)
0.41 (10.3)
1.00 (25.4)
0.19 (4.8)
225 – 400
4
5.09 (129)
1.50 (38.1)
2.84 (72.2)
4.16 (106)
3.53 (89.7)
0.40 (10.3)
1.50 (38.1)
0.25 (6.4)
450 – 600
4
5.09 (129)
2.00 (50.8)
2.84 (72.2)
4.16 (106)
3.53 (89.7)
0.41 (10.3)
1.50 (38.1)
0.25 (6.4)
450 – 600
4K
7.09 (180)
2.00 (50.8)
2.84 (72.2)
6.16 (156)
3.53 (89.7)
0.53 (13.5)
1.50 (38.1)
0.25 (6.4)
700 – 800
4
7.09 (180)
2.50 (63.5)
2.84 (72.2)
5.28 (134)
4.91 (125)
0.53 (13.5)
2.00 (50.8)
0.38 (9.5)
Contact Littelfuse for characteristic curves.
Description
Littelfuse LA70QS semiconductor fuses were developed
to provide improved performance required by today’s new
equipment. The LA70QS features lower I2t, improved cycling,
and lower watts loss. It is the best choice for the protection
of dynamic solid-state equipment.
Features/Benefits
I2t improved protection of equipment.
Superior cycling ability for long, reliable life on high
cycling loading.
Lower watts loss for cooler operation.
700 Volt AC/DC rating provides greater design versatility
Compact sizes allow downsizing of equipment
Specifications
Voltage Rating
AC: 700 V
DC: 700 V
Interrupting Rating
AC: 200 kA
DC: 100 kA
Ampere Range
35 – 800 A
Approvals
UL Recognized
CSA Certified
Web Resources
For additional information, visit: littelfuse.com/la70qs
Dimensions
LA70QS Series Semiconductor Fuses


Podobny numer części - LA15QS400-4TI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
More results

Podobny opis - LA15QS400-4TI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
L15S1 LITTELFUSE-L15S1 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LSCR LITTELFUSE-LSCR Datasheet
310Kb / 4P
   Semiconductor Fuses
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
logo
List of Unclassifed Man...
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com