Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL1024B230 Arkusz danych(PDF) 5 Page - Littelfuse

Numer części SL1024B230
Szczegółowy opis  Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1024B230 Arkusz danych(HTML) 5 Page - Littelfuse

  SL1024B230 Datasheet HTML 1Page - Littelfuse SL1024B230 Datasheet HTML 2Page - Littelfuse SL1024B230 Datasheet HTML 3Page - Littelfuse SL1024B230 Datasheet HTML 4Page - Littelfuse SL1024B230 Datasheet HTML 5Page - Littelfuse SL1024B230 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
23
Revised: November 10, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1021A/B, SL1024A/B and PMT8 Series
SL1021A/B, SL1024A/B and PMT8 Series
Packaging
Part Numbering System and Ordering Information
PMT8 xxx x x
Breakdown Voltage
090 = 90V
230 = 230V
250 = 250V
350 = 350V
400 = 400V
Breakdown Voltage
090 = 90V
145 = 145V
150 = 150V
200 = 200V
230 = 230V
250 = 250V
260 = 260V
300 = 300V
350 = 350V
400 = 400V
420 = 420V
450 = 450V
500 = 500V
600 = 600V
Series
PMT8
Configuration Code
Option Code
Blank = No Failsafe
F = With Failsafe
SL102x x xxx x x
Series
SL1021
SL1024
Surge Capability
A = 10kA
B = 20kA
Configuration Code
(See Device Dimensions section)
(See Device Dimensions section)
C
R
P
01
04
05
06
Y
S
X
10
14
60
Blank = No failsafe
F or G = With Failsafe
Option Code
Device Type
Description
Quantity
Type 01 / C
100pcs/tray x 5 trays per carton
500
Type 04 / R
100pcs/tray x 5 trays per carton
500
Type 05 / P
100pcs/tray x 5 trays per carton
500
Type 06 / Y
100pcs/tray x 5 trays per carton
500
Type 14 / X
50pcs/tray x 5 trays per carton
250
Type 60
500pcs/reel* x 10 reels per carton
5000
* For tape and reel specifications, please contact factory.


Podobny numer części - SL1024B230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SL1024B230 LITTELFUSE-SL1024B230 Datasheet
202Kb / 3P
   Gas Discharge Tubes - Omega Range
SL1024B230 LITTELFUSE-SL1024B230 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1024B230 LITTELFUSE-SL1024B230 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1024B230 LITTELFUSE-SL1024B230 Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1024B230 LITTELFUSE-SL1024B230 Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
More results

Podobny opis - SL1024B230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SL1021A200R LITTELFUSE-SL1021A200R Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021B090C LITTELFUSE-SL1021B090C Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A600RF LITTELFUSE-SL1021A600RF Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
574481 LITTELFUSE-574481 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com