Zakładka z wyszukiwarką danych komponentów |
|
DAC8831IRGYTG4 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
DAC8831IRGYTG4 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 34 page www.ti.com ABSOLUTE MAXIMUM RATINGS DAC8830 DAC8831 SLAS449D – FEBRUARY 2005 – REVISED SEPTEMBER 2007 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) MINIMUM POWER- RELATIVE DIFFERENTIAL ON SPECIFIED TRANSPORT ACCURACY NONLINEARITY RESET TEMPERATURE PACKAGE PACKAGE- PACKAGE ORDERING MEDIA, PRODUCT (LSB) (LSB) VALUE RANGE MARKING LEAD DESIGNATOR NUMBER QUANTITY DAC8830ID Tubes, 75 DAC8830ID ±4 ±1 Zero Code –40 °C to +85°C 8830I SO-8 D DAC8830IDR Tape and Reel, 2500 DAC8830IBD Tubes, 75 DAC8830IBD ±2 ±1 Zero Code –40 °C to +85°C 8830I SO-8 D DAC8830IBDR Tape and Reel, 2500 DAC8830ICD Tubes, 75 DAC8830ICD ±1 ±1 Zero Code –40 °C to +85°C 8830I SO-8 D DAC8830ICDR Tape and Reel, 2500 DAC8831ID Tube, 50 DAC8831ID ±4 ±1 Zero Code –40 °C to +85°C 8831I SO-14 D DAC8831IDR Tape and Reel, 2500 DAC8831IBD Tube, 50 DAC8831IBD ±2 ±1 Zero Code –40 °C to +85°C 8831I SO-14 D DAC8831IBDR Tape and Reel, 2500 DAC8831ICD Tube, 50 DAC8831ICD ±1 ±1 Zero Code –40 °C to +85°C 8831I SO-14 D DAC8831ICDR Tape and Reel, 2500 DAC8831IRGYT Tape and Reel, 250 DAC8831IRGY ±4 ±1 Zero Code –40 °C to +85°C 8831I QFN-14 RGY DAC8831IRGYR Tape and Reel, 1000 DAC8831IBRGYT Tape and Reel, 250 DAC8831IBRGY ±2 ±1 Zero Code –40 °C to +85°C 8831I QFN-14 RGY DAC8831IBRGYR Tape and Reel, 1000 DAC8831ICRGYT Tape and Reel, 250 DAC8831ICRGY ±1 ±1 Zero Code –40 °C to +85°C 8831I QFN-14 RGY DAC8831ICRGYR Tape and Reel, 1000 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI website at www.ti.com. Over operating free-air temperature range (unless otherwise noted) (1) DAC8830, DAC8831 UNIT VDD to AGND –0.3 to +7 V Digital input voltage to DGND –0.3 to +VDD + 0.3 V VOUT to AGND –0.3 to +VDD + 0.3 V AGND, AGNDF, AGNDS to DGND –0.3 to +0.3 V Operating temperature range –40 to +85 °C Storage temperature range –65 to +150 °C Junction temperature range (TJ max) +150 °C Power dissipation (TJ max - TA) / θJA W QFN-14 54.9 °C/W Thermal impedance, θJA SO-8 136.9 °C/W SO-14 66.6 °C/W (1) Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum conditions for extended periods may affect device reliability. 2 Submit Documentation Feedback Copyright © 2005–2007, Texas Instruments Incorporated Product Folder Link(s): DAC8830 DAC8831 |
Podobny numer części - DAC8831IRGYTG4 |
|
Podobny opis - DAC8831IRGYTG4 |