Zakładka z wyszukiwarką danych komponentów |
|
TL071ACDG4 Arkusz danych(PDF) 11 Page - Texas Instruments |
|
|
TL071ACDG4 Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 48 page TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 4 TA − Free-Air Temperature − °C INPUT BIAS CURRENT vs FREE-AIR TEMPERATURE 10 1 0.1 0.01 100 −75 −50 −25 0 25 50 75 100 125 VCC± = ±15 V Figure 5 RL = 10 kΩ TA = 25°C See Figure 2 ±15 ±12.5 ±10 ±7.5 ±5 ±2.5 0 f − Frequency − Hz 100 1 k 10 k 100 k 1 M 10 M MAXIMUM PEAK OUTPUT VOLTAGE vs FREQUENCY VCC± = ±5 V VCC± = ±10 V VCC± = ±15 V Figure 6 10 M 1 M 100 k 10 k 1 k 100 f − Frequency − Hz 0 ±2.5 ±5 ±7.5 ±10 ±12.5 ±15 See Figure 2 TA = 25°C RL = 2 kΩ VCC± = ±10 V VCC± = ±5 V MAXIMUM PEAK OUTPUT VOLTAGE vs FREQUENCY VCC± = ±15 V Figure 7 0 ±2.5 ±5 ±7.5 ±10 ±12.5 ±15 10 k 40 k 100 k 400 k 1 M 4 M 10 M f − Frequency − Hz MAXIMUM PEAK OUTPUT VOLTAGE vs FREQUENCY VCC± = ±15 V RL = 2 kΩ See Figure 2 TA = −55°C TA = 25°C TA = 125°C † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |
Podobny numer części - TL071ACDG4 |
|
Podobny opis - TL071ACDG4 |