Zakładka z wyszukiwarką danych komponentów |
|
ADR5041BRTZ-REEL71 Arkusz danych(PDF) 3 Page - Analog Devices |
|
ADR5041BRTZ-REEL71 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 16 page ADR5040/ADR5041/ADR5043/ADR5044/ADR5045 Rev. A | Page 3 of 16 SPECIFICATIONS ADR5040 ELECTRICAL CHARACTERISTICS IIN = 50 μA to 15 mA, TA = 25°C, unless otherwise noted. Table 2. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VOUT IIN = 100 μA Grade A 2.044 2.048 2.052 V Grade B 2.046 2.048 2.050 V INITIAL ACCURACY VOERR IIN = 100 μA Grade A –4.096 +4.096 mV ±0.2 % Grade B –2.048 +2.048 mV ±0.1 % TEMPERATURE COEFFICIENT1 TCVOUT –40°C < TA < +125°C Grade A 10 100 ppm/°C Grade B 10 75 ppm/°C OUTPUT VOLTAGE CHANGE vs. IIN ∆VR IIN = 50 μA to 1 mA –40°C < TA < +125°C 0.4 1.75 mV IIN = 1 mA to 15 mA –40°C < TA < +125°C 4 8 mV DYNAMIC OUTPUT IMPEDANCE (∆VR/∆IR) IIN = 50 μA to 15 mA 0.2 Ω MINIMUM OPERATING CURRENT IIN TA = 25°C 50 μA –40°C < TA < +125°C 60 μA VOLTAGE NOISE eN IIN = 100 μA; 0.1 Hz to 10 Hz 2.8 μV rms IIN = 100 μA; 10 Hz to 10 kHz 120 μV rms TURN-ON SETTLING TIME tR CLOAD = 0 μF 28 μs OUTPUT VOLTAGE HYSTERESIS ∆VOUT_HYS IIN = 1 mA 40 ppm 1 Guaranteed by design. ADR5041 ELECTRICAL CHARACTERISTICS IIN = 50 μA to 15 mA, TA = 25°C, unless otherwise noted. Table 3. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VOUT IIN = 100 μA Grade A 2.495 2.500 2.505 V Grade B 2.4975 2.500 2.5025 V INITIAL ACCURACY VOERR IIN = 100 μA Grade A –5 +5 mV ±0.2 % Grade B –2.5 +2.5 mV ±0.1 % TEMPERATURE COEFFICIENT1 TCVOUT –40°C < TA < +125°C Grade A 10 100 ppm/°C Grade B 10 75 ppm/°C OUTPUT VOLTAGE CHANGE vs. IIN ∆VR IIN = 50 μA to 1 mA –40°C < TA < +125°C 0.5 1.8 mV IIN = 1 mA to 15 mA –40°C < TA < +125°C 4 8 mV |
Podobny numer części - ADR5041BRTZ-REEL71 |
|
Podobny opis - ADR5041BRTZ-REEL71 |