Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL072BCDRG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TL072BCDRG4
Szczegółowy opis  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL072BCDRG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TL072BCDRG4 Datasheet HTML 3Page - Texas Instruments TL072BCDRG4 Datasheet HTML 4Page - Texas Instruments TL072BCDRG4 Datasheet HTML 5Page - Texas Instruments TL072BCDRG4 Datasheet HTML 6Page - Texas Instruments TL072BCDRG4 Datasheet HTML 7Page - Texas Instruments TL072BCDRG4 Datasheet HTML 8Page - Texas Instruments TL072BCDRG4 Datasheet HTML 9Page - Texas Instruments TL072BCDRG4 Datasheet HTML 10Page - Texas Instruments TL072BCDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
electrical characteristics, VCC± = ±15 V (unless otherwise noted)
TL071C
TL071AC
TL071BC
TL071I
PARAMETER
TEST CONDITIONS
T
TL071C
TL072C
TL071AC
TL072AC
TL071BC
TL072BC
TL071I
TL072I
UNIT
PARAMETER
TEST CONDITIONS
TA‡
TL072C
TL074C
TL072AC
TL074AC
TL072BC
TL074BC
TL072I
TL074I
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
V
Input offset voltage
V
0
R
50
Ω
25
°C
3
10
3
6
2
3
3
6
mV
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
Full range
13
7.5
5
8
mV
α
V
IO
Temperature
coefficient of input
offset voltage
VO = 0,
RS = 50 Ω
Full range
18
18
18
18
μV/°C
I
Input offset current
V
0
25
°C
5
100
5
100
5
100
5
100
pA
IIO
Input offset current
VO = 0
Full range
10
2
2
2
nA
I
Input bias current§
V
0
25
°C
65
200
65
200
65
200
65
200
pA
IIB
Input bias current§
VO = 0
Full range
7
7
7
20
nA
Common mode
−12
−12
−12
−12
VICR
Common-mode
input voltage range
25
°C
±11
−12
to
±11
−12
to
±11
−12
to
±11
−12
to
V
VICR
input voltage range
25 C
±11
to
15
±11
to
15
±11
to
15
±11
to
15
V
Maximum peak
RL = 10 kΩ
25
°C
±12 ±13.5
±12 ±13.5
±12 ±13.5
±12 ±13.5
VOM
Maximum peak
output voltage
RL ≥ 10 kΩ
Full range
±12
±12
±12
±12
V
VOM
output voltage
swing
RL ≥ 2 kΩ
Full range
±10
±10
±10
±10
A
Large-signal
differential voltage
V
±10 V
R
≥ 2kΩ
25
°C
25
200
50
200
50
200
50
200
V/mV
AVD
differential voltage
amplification
VO = ±10 V,
RL ≥ 2 kΩ
Full range
15
25
25
25
V/mV
B1
Unity-gain
bandwidth
25
°C
3
3
3
3
MHz
ri
Input resistance
25
°C
1012
1012
1012
1012
Ω
CMRR
Common-mode
VIC = VICRmin,
25
°C
70
100
75
100
75
100
75
100
dB
CMRR
Common mode
rejection ratio
VO = 0,
RS = 50 Ω
25
°C
70
100
75
100
75
100
75
100
dB
kSVR
Supply-voltage
rejection ratio
VCC = ± 9 V to ±15 V,
25
°C
70
100
80
100
80
100
80
100
dB
kSVR
rejection ratio
(
ΔVCC±/ΔVIO)
VO = 0,
RS = 50 Ω
25
°C
70
100
80
100
80
100
80
100
dB
I
Supply current
V
0
No load
25
°C
14
25
14
25
14
25
14
25
mA
ICC
Supply current
(each amplifier)
VO = 0,
No load
25
°C
1.4
2.5
1.4
2.5
1.4
2.5
1.4
2.5
mA
VO1/VO2
Crosstalk
attenuation
AVD = 100
25
°C
120
120
120
120
dB
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified.
Full range is TA = 0°C to 70°C for TL07_C,TL07_AC, TL07_BC and is TA = −40°C to 85°C for TL07_I.
§ Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in Figure 4. Pulse techniques must be used
that maintain the junction temperature as close to the ambient temperature as possible.


Podobny numer części - TL072BCDRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL072BCDRG4 TI-TL072BCDRG4 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072BCDRG4 TI-TL072BCDRG4 Datasheet
5Mb / 88P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
TL072BCDRG4 TI-TL072BCDRG4 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072BCDRG4 TI-TL072BCDRG4 Datasheet
5Mb / 90P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
TL072BCDRG4 TI-TL072BCDRG4 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Podobny opis - TL072BCDRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI1-TL071_16 Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI1-TL071_18 Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI-TL071_96 Datasheet
220Kb / 14P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_07 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071CPSE4 TI-TL071CPSE4 Datasheet
1Mb / 49P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074ING4 TI-TL074ING4 Datasheet
908Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com