Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28134IBZ Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL28134IBZ
Szczegółowy opis  5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28134IBZ Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL28134IBZ Datasheet HTML 5Page - Intersil Corporation ISL28134IBZ Datasheet HTML 6Page - Intersil Corporation ISL28134IBZ Datasheet HTML 7Page - Intersil Corporation ISL28134IBZ Datasheet HTML 8Page - Intersil Corporation ISL28134IBZ Datasheet HTML 9Page - Intersil Corporation ISL28134IBZ Datasheet HTML 10Page - Intersil Corporation ISL28134IBZ Datasheet HTML 11Page - Intersil Corporation ISL28134IBZ Datasheet HTML 12Page - Intersil Corporation ISL28134IBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ISL28134
9
FN6957.3
December 22, 2011
FIGURE 13. IB vs TEMPERATURE
FIGURE 14. IOS vs TEMPERATURE
FIGURE 15. CMRR and PSRR vs TEMPERATURE
FIGURE 16. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 17. OUTPUT HIGH OVERHEAD VOLTAGE vs LOAD CURRENT
FIGURE 18. OUTPUT LOW OVERHEAD VOLTAGE vs LOAD CURRENT
Typical Performance Curves T
A = +25°C, VCM = 0V Unless otherwise specified. (Continued)
TEMPERATURE (°C)
Vs = ±2.5V
IB+
Vs = ±1.125V
IB-
Vs = ±2.5V
IB-
Vs = ±1.125V
IB+
-20
0
80
60
-40
-50
0
50
100
150
200
250
300
350
-100
20
40
100
120
140
TEMPERATURE (°C)
Vs = ±2.5V
Vs = ±1.125V
-20
0
80
60
-40
20
40
100
120
140
-50
0
50
100
150
200
250
300
350
-100
-150
TEMPERATURE (°C)
100
110
120
130
140
150
160
VCM = 0V
Vs = ±1.125V to ±3V
PSRR
VCM = -2.6V to +2.6V
Vs =±2.5V
CMRR
PSRR
CMRR
-20
0
80
60
-40
20
40
100
120
140
SUPPLY VOLTAGE (V)
500
600
700
800
900
1000
2.0
3.0
4.0
5.0
6.0
T = -40°C
T = +125°C
T = +25°C
T = +85°C
LOAD CURRENT (mA)
1
10
100
1000
Vs = ±2.5V
T = -40°C to +125°C
0.01
0.1
1.0
10
100
LOAD CURRENT (mA)
1
10
100
1000
0.01
0.1
1.0
10
Vs = ±2.5V
T = -40°C to +125°C
100


Podobny numer części - ISL28134IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
October 14, 2014
logo
Renesas Technology Corp
ISL28134IBZ RENESAS-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
More results

Podobny opis - ISL28134IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
October 14, 2014
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com