Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9887AKSZ-170 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9887AKSZ-170
Szczegółowy opis  Dual Interface for Flat Panel Display
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9887AKSZ-170 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9887AKSZ-170 Datasheet HTML 3Page - Analog Devices AD9887AKSZ-170 Datasheet HTML 4Page - Analog Devices AD9887AKSZ-170 Datasheet HTML 5Page - Analog Devices AD9887AKSZ-170 Datasheet HTML 6Page - Analog Devices AD9887AKSZ-170 Datasheet HTML 7Page - Analog Devices AD9887AKSZ-170 Datasheet HTML 8Page - Analog Devices AD9887AKSZ-170 Datasheet HTML 9Page - Analog Devices AD9887AKSZ-170 Datasheet HTML 10Page - Analog Devices AD9887AKSZ-170 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AD9887A
Rev. B | Page 7 of 52
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VD
3.6 V
VDD
3.6 V
Analog Inputs
VD to 0.0 V
VREFIN
VD to 0.0 V
Digital Inputs
5 V to 0.0 V
Digital Output Current
20 mA
Operating Temperature Range
−25°C to +85°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Maximum Case Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at 25°C; sample tested at
specified temperatures.
III.
Sample tested only.
IV.
Guaranteed by design and characterization testing.
V.
Parameter is a typical value only.
VI.
100% production tested at 25°C; guaranteed by design
and characterization testing.
ESD CAUTION


Podobny numer części - AD9887AKSZ-170

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9887AKSZ-100 AD-AD9887AKSZ-100 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results

Podobny opis - AD9887AKSZ-170

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com