Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5161BRM50-RL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD5161BRM50-RL7
Szczegółowy opis  256-Position SPI/I2C Selectable Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5161BRM50-RL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD5161BRM50-RL7 Datasheet HTML 2Page - Analog Devices AD5161BRM50-RL7 Datasheet HTML 3Page - Analog Devices AD5161BRM50-RL7 Datasheet HTML 4Page - Analog Devices AD5161BRM50-RL7 Datasheet HTML 5Page - Analog Devices AD5161BRM50-RL7 Datasheet HTML 6Page - Analog Devices AD5161BRM50-RL7 Datasheet HTML 7Page - Analog Devices AD5161BRM50-RL7 Datasheet HTML 8Page - Analog Devices AD5161BRM50-RL7 Datasheet HTML 9Page - Analog Devices AD5161BRM50-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5161
Data Sheet
Rev. B | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS1
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Value
V
DD to GND
–0.3 V to +7 V
V
A, VB, VW to GND
V
DD
I
MAX
1
±20 mA
Digital Inputs and Output Voltage to GND
0 V to +7 V
Operating Temperature Range
–40°C to +125°C
Maximum Junction Temperature (T
JMAX)
150°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Thermal Resistance2
θ
JA (10-Lead MSOP)
200°C/W
NOTES
1 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 Package power dissipation = (T
JMAX – TA)/θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Podobny numer części - AD5161BRM50-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5161BRM50-RL7 AD-AD5161BRM50-RL7 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
More results

Podobny opis - AD5161BRM50-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161 Datasheet
361Kb / 7P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
   256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com