Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC124-FR-1310KL Arkusz danych(PDF) 5 Page - YAGEO Corporation

Numer części TC124-FR-1310KL
Szczegółowy opis  ARRAY CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YAGEO [YAGEO Corporation]
Strona internetowa  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

TC124-FR-1310KL Arkusz danych(HTML) 5 Page - YAGEO Corporation

  TC124-FR-1310KL Datasheet HTML 1Page - YAGEO Corporation TC124-FR-1310KL Datasheet HTML 2Page - YAGEO Corporation TC124-FR-1310KL Datasheet HTML 3Page - YAGEO Corporation TC124-FR-1310KL Datasheet HTML 4Page - YAGEO Corporation TC124-FR-1310KL Datasheet HTML 5Page - YAGEO Corporation TC124-FR-1310KL Datasheet HTML 6Page - YAGEO Corporation TC124-FR-1310KL Datasheet HTML 7Page - YAGEO Corporation TC124-FR-1310KL Datasheet HTML 8Page - YAGEO Corporation TC124-FR-1310KL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SERIES
YC/TC
124 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Mar 09, 2011 V.3
Product specification
5
9
DIMENSIONS
TYPE
YC124
TC124
B (mm)
0.20 ±0.15
0.20 ±0.10
H (mm)
0.45 ±0.05
0.30 ±0.10
H1 (mm)
0.30 ±0.05
---
P (mm)
0.50 ±0.05
0.50 ±0.05
L (mm)
2.00 ±0.10
2.00 ±0.10
T (mm)
0.45 ±0.10
0.40 ±0.10
W1 (mm)
0.30 ±0.15
0.25 ±0.10
W2 (mm)
1.00 ±0.10
1.00 ±0.10
Table 1
SCHEMATIC
YNSC055-1
R1
R1 = R2 = R3 = R4
R1 = R2 = R3 = R4
R1
R2
R3
R4
12
87
3
6
4
5
TC124
YC124
R2
R3
R4
12
87
3
6
4
5
Fig. 6 Equivalent circuit diagram
For dimension, please refer to Fig. 5 and Table 1
a
a
P
L
TC124
B
YNSC054-2
YC124
H
a
a
P
L
B
T
W1
W2
H1
H
Fig. 5 YC/TC124 series chip resistors dimension
CONSTRUCTION
The resistor is constructed on top
of a high-grade ceramic body.
Internal metal electrodes are
added on each end to make the
contacts to the thick film resistive
element. The composition of the
resistive element is a noble metal
imbedded into a glass and
covered by a second glass to
prevent environment influences.
The resistor is laser trimmed to the
rated resistance value. The resistor
is covered with a protective epoxy
coat, finally the two external
terminations (matte tin on Ni-barrier)
are added, as shown in Fig 4.
O
OU
UT
TL
LIIN
NE
ES
S
overcoat
resistive layer
inner electrode
termination
ceramic substrate YNSC069
Fig. 4 Chip resistor outlines


Podobny numer części - TC124-FR-1310KL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAGEO Corporation
TC124-FR-13470KL YAGEO-TC124-FR-13470KL Datasheet
332Kb / 9P
   ARRAY CHIP RESISTORS YC/TC 124 (8Pin/4R)
More results

Podobny opis - TC124-FR-1310KL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com