Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA77-002M0-2 Arkusz danych(PDF) 2 Page - Bel Fuse Inc.

Numer części CA77-002M0-2
Szczegółowy opis  ARJ45짰 Category 7a Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BEL [Bel Fuse Inc.]
Strona internetowa  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

CA77-002M0-2 Arkusz danych(HTML) 2 Page - Bel Fuse Inc.

  CA77-002M0-2 Datasheet HTML 1Page - Bel Fuse Inc. CA77-002M0-2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ARJ45® Category 7a Connectors
RoHS
Compliant
11118SusquehannaTrailSouthGlenRock,PA17327Tel:717.235.7512Fax:717.235.4675
DocumentnumberUS/LIT-ARJ45v02.13@2013BelconnectorInc.
SpecificationSubjectToChange
ARJ45® Category 7a Application Performance Data
Typical Mechanical Dimensions of ARJ45® PCB Jacks
PCB Recommended Hole Layout
2 x .050 [1.27]
.340 [8.64]
.145 [3.68]
2 x .040 [1.02]
.140 [3.56]
.308 [7.81]
.615
[15.62]
PCB Recommended Hole Layout
Seen From Component Side
All centerline dimensions are basic.
.240 [6.10]
Front edge
of PCB
.110 [2.79] max
8 x ø.035 [ø0.89]
ø.006 [ø0.15]
3 x ø.062 [ø1.57]
ø.006 [ø0.15]
4
5
6
3
1
2
7
8
Front View
Side View
0.600
[15.24]
0.055 ±0.020
[1.40 ±0.51]
0.290 [7.37]
0.560 [14.22]
0.678 [17.23]
0.530
[13.46]
0.055 ±0.020
[1.40 ±0.51]
0.125
[3.17]
0.155
[3.94]
signal and
LED leads
ground
leads
ARJ45 Category 7a Return Loss
ARJ45 Category 7a Return Loss
-80.0
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
1
10
100
1000
(MHz)
45
12
36
78
Limit
ARJ45 Category 7a Mated NEXT
ARJ45 Category 7a Mated NEXT
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
-50.0
1
10
100
1000
Frequency MHz
45-12
45-36
45-78
12-36
12-78
36-78
LIMIT


Podobny numer części - CA77-002M0-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
CA77-1 MACOM-CA77-1 Datasheet
389Kb / 2P
   Cascadable Amplifier 5 to 600 MHz
logo
M/A-COM Technology Solu...
CA77-1 MA-COM-CA77-1 Datasheet
609Kb / 4P
   Cascadable Amplifier
More results

Podobny opis - CA77-002M0-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Belden Inc.
1888ENC BELDEN-1888ENC Datasheet
169Kb / 3P
   Category 7A Enhanced Cable, 4 Pair, S/FTP, LSZH Indoor IEC60332-3-24
2022 Belden, Inc
logo
Hubbell Incorporated.
HI6C HUBBELL-HI6C Datasheet
277Kb / 1P
   Category 6 Copper Panel Mount Connectors Inline Coupler
HI6 HUBBELL-HI6 Datasheet
279Kb / 1P
   Category 6 Copper Panel Mount Connectors Connector (UTP)
logo
STMicroelectronics
L4977A STMICROELECTRONICS-L4977A Datasheet
396Kb / 21P
   7A SWITCHING REGULATOR
June 2000
logo
Rohm
RK9410 ROHM-RK9410 Datasheet
43Kb / 4P
   Switching (30V, 7A)
logo
Hirose Electric
TM21P-88P HIROSE-TM21P-88P Datasheet
288Kb / 8P
   Modular Plug Connectors Compliant to Enhanced Category 5 Standards
logo
Rohm
2SK2299N ROHM-2SK2299N Datasheet
152Kb / 5P
   Switching (450V, 7A)
2SK2740 ROHM-2SK2740 Datasheet
153Kb / 5P
   Switching (600V, 7A)
logo
Hubbell Incorporated.
NSJ5ELA HUBBELL-NSJ5ELA Datasheet
291Kb / 1P
   Category 5e Jack
NSJ5ER24 HUBBELL-NSJ5ER24 Datasheet
380Kb / 1P
   Category 5e Jack
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com