Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS23-E3 Arkusz danych(PDF) 8 Page - Vishay Siliconix

Numer części SS23-E3
Szczegółowy opis  Packaging Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS23-E3 Arkusz danych(HTML) 8 Page - Vishay Siliconix

  SS23-E3 Datasheet HTML 1Page - Vishay Siliconix SS23-E3 Datasheet HTML 2Page - Vishay Siliconix SS23-E3 Datasheet HTML 3Page - Vishay Siliconix SS23-E3 Datasheet HTML 4Page - Vishay Siliconix SS23-E3 Datasheet HTML 5Page - Vishay Siliconix SS23-E3 Datasheet HTML 6Page - Vishay Siliconix SS23-E3 Datasheet HTML 7Page - Vishay Siliconix SS23-E3 Datasheet HTML 8Page - Vishay Siliconix SS23-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
8
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SURFACE MOUNT TAPE AND REEL PACKAGING
Fig. 10
Fig. 11
Fig. 12
Component
Cavity
Embossed Carrier
Tape
Top Cover Tape
Thickness:
0.10 mm (0.004")
Max.
R Ref.
Bending
Radius
Tape with
Components shall
Pass Around
Bending Radius
without Damage,
for Reels with Hub
Diameters
Approaching
Minimum
Dimension
B
N
A
T
D
C
G
DIMENSIONS in millimeters (inches)
TAPE SIZE
A
MAX.
B
MIN.
C
D
MIN.
N
MIN.
G
MAX.
T
MAX.
8 mm (0.315)
330 ± 2.0 (13.0 ± 0.079)
178 ± 2.0 (7.0 ± 0.079)
1.5 (0.059)
13.0 ± 0.20
(0.51 ± 0.0008)
20.2 (0.795)
50 (1.97)
9.9 (0.389)
14.4 (0.567)
12 mm (0.472)
330 ± 2.0 (13.0 ± 0.079)
178 ± 2.0 (7.0 ± 0.079)
1.5 (0.059)
13.0 ± 0.20
(0.51 ± 0.0008)
20.2 (0.795)
50 (1.97)
14.4 (0.567)
18.4 (0.724)
16 mm (0.630)
330 ± 2.0 (13.0 ± 0.079)
178 ± 2.0 (7.0 ± 0.079)
1.5 (0.059)
13.0 ± 0.20
(0.51 ± 0.0008)
20.2 (0.795)
50 (1.97)
18.4 (0.724)
22.4 (0.802)
24 mm (0.945)
330 ± 2.0 (13.0 ± 0.079)
178 ± 2.0 (7.0 ± 0.079)
1.5 (0.059)
13.0 ± 0.20
(0.51 ± 0.0008)
20.2 (0.795)
50 (1.97)
26.4 (1.039)
30.4 (1.197)


Podobny numer części - SS23-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nanjing International G...
SS23-2A-30V-DO-214AA DGNJDZ-SS23-2A-30V-DO-214AA Datasheet
161Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS23-2A-30V-DO-214AC DGNJDZ-SS23-2A-30V-DO-214AC Datasheet
132Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SS23-L MCC-SS23-L Datasheet
332Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS23-L MCC-SS23-L Datasheet
317Kb / 5P
   2 Amp Schottky Rectifier 20 to 150 Volts
SS23-L MCC-SS23-L Datasheet
347Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
More results

Podobny opis - SS23-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Torex Semiconductor
SOT-23D TOREX-SOT-23D Datasheet
229Kb / 3P
   Packaging Information
SOD-123P TOREX-SOD-123P Datasheet
173Kb / 2P
   Packaging Information
logo
Vishay Siliconix
US1M-E35AT VISHAY-US1M-E35AT Datasheet
396Kb / 9P
   Packaging Information
Revision: 05-Mar-14
logo
Torex Semiconductor
USPN-6B01 TOREX-USPN-6B01 Datasheet
261Kb / 3P
   Packaging Information
logo
Vishay Siliconix
SIHP33N60E VISHAY-SIHP33N60E Datasheet
396Kb / 9P
   Packaging Information
Revision: 18-Mar-14
logo
Torex Semiconductor
TO-252 TOREX-TO-252 Datasheet
121Kb / 2P
   Packaging Information
SMA-XG TOREX-SMA-XG Datasheet
76Kb / 1P
   Packaging Information
logo
Texas Instruments
TPS51622ARSMR TI-TPS51622ARSMR Datasheet
829Kb / 10P
[Old version datasheet]   PACKAGING INFORMATION
logo
Torex Semiconductor
SOT-323 TOREX-SOT-323 Datasheet
134Kb / 2P
   Packaging Information
TO-92 TOREX-TO-92 Datasheet
182Kb / 3P
   Packaging Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com