Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

W08G Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części W08G
Szczegółowy opis  1.5 Ampere Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

W08G Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  W08G Datasheet HTML 1Page - Fairchild Semiconductor W08G Datasheet HTML 2Page - Fairchild Semiconductor W08G Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
W005G - W10G, Rev. A
Glass Passivated Bridge Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
25
50
75
100
125
150
175
0
0.5
1
1.5
2
AMBIENT TEMPERATURE ( C)
º
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.0mm) LEAD
LENGTHS
Non-Repetitive Surge Current
12
5
10
20
50
100
0
10
20
30
40
50
NUMBER OF CYCLES AT 60Hz
Forward Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.01
0.1
1
10
20
FORWARD VOLTAGE (V)
Pulse Width = 300
µs
2% Duty Cycle
T = 25 C
º
A
Reverse Characteristics
0
204060
80
100
120
140
0.01
0.1
1
10
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 25 C
º
A
T = 100 C
º
A


Podobny numer części - W08G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
W08G PANJIT-W08G Datasheet
49Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Taiwan Semiconductor Co...
W08G TSC-W08G Datasheet
73Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
W08G ETC2-W08G Datasheet
75Kb / 2P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Won-Top Electronics
W08G WTE-W08G Datasheet
52Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
W08G PANJIT-W08G Datasheet
50Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
More results

Podobny opis - W08G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
S2A FAIRCHILD-S2A Datasheet
38Kb / 3P
   1.5 Ampere Glass Passivated Rectifiers
logo
Microdiode Electronics ...
MDDDB151S CHENDA-MDDDB151S Datasheet
79Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 1.5 Ampere
logo
Fairchild Semiconductor
2W005G FAIRCHILD-2W005G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
logo
Shenzhen Foster Semicon...
DB151G FOSTER-DB151G Datasheet
1Mb / 3P
   1.5 Amps Glass passivated Bridge Rectifiers
logo
Fairchild Semiconductor
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
   0.5 Ampere Glass Passivated Bridge Rectifiers
DF005M FAIRCHILD-DF005M Datasheet
33Kb / 2P
   1.5 Ampere Bridge Rectifiers
DF005S FAIRCHILD-DF005S Datasheet
33Kb / 3P
   1.5 Ampere Bridge Rectifiers
KBP005M FAIRCHILD-KBP005M Datasheet
323Kb / 3P
   1.5 Ampere Bridge Rectifiers
logo
Thinki Semiconductor Co...
GBJ5006 THINKISEMI-GBJ5006 Datasheet
443Kb / 2P
   50.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
GBJ15005 THINKISEMI-GBJ15005 Datasheet
672Kb / 2P
   15.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com