Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP700A Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TLP700A
Szczegółowy opis  Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP700A Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

Back Button TLP700A Datasheet HTML 2Page - Toshiba Semiconductor TLP700A Datasheet HTML 3Page - Toshiba Semiconductor TLP700A Datasheet HTML 4Page - Toshiba Semiconductor TLP700A Datasheet HTML 5Page - Toshiba Semiconductor TLP700A Datasheet HTML 6Page - Toshiba Semiconductor TLP700A Datasheet HTML 7Page - Toshiba Semiconductor TLP700A Datasheet HTML 8Page - Toshiba Semiconductor TLP700A Datasheet HTML 9Page - Toshiba Semiconductor TLP700A Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TLP700
2010-02-23
6
IF - VF
VF/⊿Ta - IF
VOL - Ta
Forw ard Vo ltage VF [V]
Ambient Temperature Ta [°C]
VOH - Ta
ICCL - Ta
ICCH - Ta
Forw ard Current IF [mA]
Ambient Temperature Ta [°C]
Ambient Temperature Ta [°C]
Ambient Temperature Ta [°C]
1
1.2
1.4
1.6
1.8
2
0.1
1
10
100
Ta=-40°C
Ta=25°C
Ta=100°C
0.1
1
10
-3.2
-2.8
-2.4
-2
-1.6
-1.2
-40 -20
0
20406080 100
-30
-25
-20
-15
-10
-5
0
VF=0.8V, RL=200Ω
VCC1=7.5V, VEE1=-7.5V
VCC1=15V, VEE1=-15V
-40 -20
0
20
40
60
80 100
0
5
10
15
20
25
30
IF=5mA, RL=200Ω
-40 -20
0
20
406080 100
0
1
2
3
4
5
IF=0mA
VCC=30V
-40 -20
0
20
406080 100
0
1
2
3
4
5
IF=10mA
VCC=30V
VCC1=7.5V, VEE1=-7.5V
VCC1=15V, VEE1=-15V


Podobny numer części - TLP700A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results

Podobny opis - TLP700A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
   Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
   TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
   Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
   Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP701F TOSHIBA-TLP701F Datasheet
104Kb / 2P
   Inverter for Air Conditioners
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
   Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com