Zakładka z wyszukiwarką danych komponentów |
|
U-183U Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers |
|
U-183U Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 10 page 10 10 5-Contact Lightweight (Conforms to MIL-C-55116) GC183S RECEPTACLE Spring loaded contacts, solder terminals, mates with U-229/U, GC217 & GC217A. Other pin styles available. GC217 PLUG Rigid contacts, solder terminals, mates with U-183/U, U-228/U & GC183S. GC217A* PLUG Rigid contacts, solder terminals, mates with U-183/U, U-228/U & GC183S. *Shell material is aluminum. 5-Contact Standard 5-Contact Lightweight U-229/U 2.02 NA GC217 1.20 GC217A 0.81 U-183/U 1.03 GC183S 0.72 Weight In Ounces ÿ.812 .655 1.135 .590/ .580 ÿ .635/ .625 3 11/16 3/16 OR 1/4 DIA. CABLE 2 Ø.831 OVER KNURL 3 11/16 3/16 OR 1/4 DIA. CABLE 2 Ø.831 OVER KNURL A A A A u u u u d d d d iiiio o o o |
Podobny numer części - U-183U |
|
Podobny opis - U-183U |