Zakładka z wyszukiwarką danych komponentów |
|
U-77 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers |
|
U-77 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 10 page 6-Contact Standard (Conforms to MIL-C-55116) GC283 RECEPTACLE Spring loaded contacts, solder terminals, mates with GC329, GC617 & GC617A. Other pin styles available. GC328 PLUG Spring loaded contacts, solder pin terminals, mates with GC329, GC617 & GC617A. GC329 PLUG Rigid contacts, barrel pin terminals,* mates with GC283, GC328 & GC683S. *Solder pin terminals also available . .665/.655 .760/ Ø.750 1/8 MAX. PANEL L THICKNESS 51/64 MAX. 8/32 1 MAX. 31/32 ØMAX 2 1/4 MAX. 831 DIA. 2 1/16 MAX. REF. 11 11 |
Podobny opis - U-77 |