Zakładka z wyszukiwarką danych komponentów |
|
0-1462000-1 Arkusz danych(PDF) 4 Page - Tyco Electronics |
|
0-1462000-1 Arkusz danych(HTML) 4 Page - Tyco Electronics |
4 / 9 page 4.5 2.9 6.3 0.45 550 36 C 93438 7-1462000-7 5 3.3 7.0 0.5 550 45 C 93450 8-1462000-5 6 3.9 8.4 0.60 550 66 C 93437 7-1462000-6 12 7.8 16.8 1.20 550 280 C 93432 6-1462000-2 24 15.6 33.6 2.40 550 1050 C 93431 6-1462000-1 48 31.2 67.2 4.80 550 4100 C 93430 5-1462000-9 3 2.0 7.0 0.30 200 45 C 93414 1-1462001-1 4.5 2.9 10.5 0.45 200 101 C 93415 3-1462000-0 5 3.3 11.6 0.50 200 125 C 93416 3-1462000-1 6 3.9 14.0 0.60 200 180 C 93428 5-1462000-7 9 5.9 21.0 0.90 200 405 C 93417 3-1462000-6 12 7.8 28.0 1.20 200 720 C 93418 3-1462000-7 24 15.6 59.9 2.40 200 2880 C 93419 4-1462000-1 48 31.2 112.0 4.80 200 11520 C 93420 4-1462000-5 MT2 Relay Sensitive version (300 mW) non-latching 1 coil Sensitive version (200 mW) non-latching 1 coil 3 2.1 8.1 0.30 150 60 C 93400 1-1462001-2 3.3 2.3 8.8 0.33 150 72 C 93407 1-1462001-3 4.5 3.2 12.2 0.45 150 136 C 93406 2-1462000-2 5 3.6 13.5 0.50 150 168 C 93401 0-1462000-1 6 4.3 16.2 0.60 150 240 C 93427 5-1462000-6 9 6.4 24.3 0.90 150 544 C 93405 2-1462000-0 12 8.6 32.4 1.20 150 968 C 93402 0-1462000-7 24 17.1 64.8 2.40 150 3872 C 93403 1-1462000-3 48 34.1 129.6 4.80 150 15468 C 93404 1-1462000-8 High sensitive version (150 mW) non-latching 1 coil Standard version (550 mW) non-latching 1 coil 4.5 3.1 8.9 0.45 300 73 C 93433 6-1462000-6 5 3.4 9.9 0.50 300 90 C 93434 6-1462000-8 12 8.25 23.6 1.20 300 515 C 93412 2-1462000-6 24 16.5 47.3 2.40 300 2060 C 93435 7-1462000-0 48 32.5 54.6 4.80 300 8240 C 93436 7-1462000-2 4.5 2.9 8.9 0.45 400 50 C 93421 4-1462000-7 5 3.3 9.9 0.50 400 63 C 93422 4-1462000-8 6 3.9 11.8 0.60 400 90 C 93429 5-1462000-8 9 5.9 17.7 0.90 400 203 C 93423 5-1462000-0 12 7.8 23.6 1.20 400 360 C 93424 5-1462000-1 24 15.6 47.3 2.40 400 1440 C 93425 5-1462000-3 48 31.2 94.6 4.80 400 5760 C 93426 5-1462000-5 Standard version (400 mW) non-latching 1 coil Coil Data (values at 23°C) Nominal Operate/set voltage range Release/ Coil Coil Relay Tyco part voltage reset voltage power Resistance code number Unom Minimum Minimum Maximum voltage U min voltage U max Vdc Vdc Vdc Vdc mW Ω / ± 10 % Ordering Information Page 4 (9) 108-98006 Rev. C |
Podobny numer części - 0-1462000-1 |
|
Podobny opis - 0-1462000-1 |