Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4-86479-1 Arkusz danych(PDF) 3 Page - Tyco Electronics

Numer części 4-86479-1
Szczegółowy opis  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

4-86479-1 Arkusz danych(HTML) 3 Page - Tyco Electronics

  4-86479-1 Datasheet HTML 1Page - Tyco Electronics 4-86479-1 Datasheet HTML 2Page - Tyco Electronics 4-86479-1 Datasheet HTML 3Page - Tyco Electronics 4-86479-1 Datasheet HTML 4Page - Tyco Electronics 4-86479-1 Datasheet HTML 5Page - Tyco Electronics 4-86479-1 Datasheet HTML 6Page - Tyco Electronics 4-86479-1 Datasheet HTML 7Page - Tyco Electronics 4-86479-1 Datasheet HTML 8Page - Tyco Electronics 4-86479-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
87
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU .025 [0.64] Square Interconnection System
AMPMODU Interconnection System
5
The AMPMODU intercon-
nection system provides
interconnections with a
unique modular concept,
utilizing precision formed
receptacle contacts and
mating posts.
Mating of the post and
receptacle contacts of
this system is very tolerant.
This is made possible by
a post with a burr-free
lead-in and a receptacle
contact featuring double
cantilever beams and anti-
overstress stops.
AMPMODU receptacle
contacts and posts categori-
cally fall into three general
classifications of products,
which include: board
mounted posts and recepta-
cle assemblies, post headers
and wire-applied contact
housings for crimp snap-in
pin and receptacle contacts.
Board mounted receptacle
assemblies are available in
various geometries, offering
packaging interconnections
that include perpendicular,
parallel and stacking
capabilities.
Crimp snap-in pins for
26-22 AWG [0.12-0.4 mm2]
wire and crimp snap-in
receptacles for 32-20 AWG
[0.03-0.6 mm2] wire provide
excellent discrete wire
terminations. Housings for
these contacts provide ease
of handling terminations in
high density applications.
Machine applied termina-
tions, through matched
application equipment, are
geared for virtually any pro-
duction volume requirement,
for the lowest possible
applied cost.
AMPMODU mating posts
are supplied typically as
headers. They are available
in various populations to
meet the interconnection
and packaging require-
ments of most systems.
However, in instances where
packaging configurations
do not lend themselves to
the economies of headers,
Tyco Electronics can pro-
vide application equipment
for the discrete location of
individual posts.
Looking at the electronic
industry's standard “levels of
packaging,” the AMPMODU
.025 [0.64] square intercon-
nection system is primarily
used in levels three and four.
In level three it is used as
a connection between two
or more printed circuits.
A mother/daughter board
connection is typical. In
level four it is used as a
connection between two
subassemblies, such as a
power supply and an asso-
ciated subassembly.
It is also important to note
this product can serve as an
interconnection in more than
one level, depending on the
application.
The .025 [0.64] square
interconnection system
offers the most complete
line of post/receptacle pack-
aging products available
today. This system, rated at
3 amperes per contact, has
been used by almost every
industry and marketplace
over the last decade and is
one of the oldest, most ver-
satile and reliable intercon-
nection systems employing
.025 [0.64] square packag-
ing technology.
Offers standard, intermediate and
high pressure contact forces
Insulation
Support
Barrel
Wire
Crimp
Barrel
Rugged—self-
supporting
one-piece
contact body
Wire entry for post to
receptacle misalignment
Reliability—dual
cantilever spring
contact design
and built-in
anti-overstress
Cantilever
Beams
Wide
Misalignment
Tolerance
Anti-overstress
The AMPMODU receptacle
cross-section is primarily
rectangular, with rounded
corners. Two integral canti-
lever beams contact the
mating square or round
male posts. Deflection of
these spring members is
limited by anti-overstress
stops, and excessive per-
manent deformation is pre-
vented. This feature allows
a wide range for
tolerance of misalignment
of mating contacts.
The configuration of the
receptacle completely
encloses the spring members
preventing damage during
handling and assembly and
makes the system compati-
ble with automatic applica-
tion techniques.
Note: Application of a contact lubricant is part
of the manufacturing process of all AMPMODU
tin-plated crimp products. However, it is not
part of the manufacturing process of products
that customers will solder, then clean. For
these products, Tyco Electronics recommends
that customers use contact lubricant. See the
Tyco Electronics web page for further
information.
Receptacle Contacts
Receptacle-Closed
Entry Housing Design
The closed entry housing
style better eliminates the
chance of a mating post
stubbing on the edges of
the receptacle contact.
Closed Entry
Contact edges
enclosed in
plastic
Access Way
Contact edges
enclosed in
plastic
Metallic
post stop
Terms Explained


Podobny numer części - 4-86479-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
4-86147-2 MACOM-4-86147-2 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
More results

Podobny opis - 4-86479-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com