Zakładka z wyszukiwarką danych komponentów |
|
1-1393243-5 Arkusz danych(PDF) 3 Page - Tyco Electronics |
|
1-1393243-5 Arkusz danych(HTML) 3 Page - Tyco Electronics |
3 / 3 page 05-2011, Rev. 0511 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 3 SCHRACK General Purpose Relays PCB Relays Power PCB Relay RT2 (Continued) Product code structure Typical product code RT 4 2 4 024 Type RT Power PCB Relay RT2 Version 4 8A, pinning 5mm, flux proof E 8A, pinning 5mm, wash tight (not for Reflow version) Contact arrangement 2 2 form C (CO) contacts 4 2 form A (NO) contacts Contact material 3 AgSnO 4 AgNi 90/10 5 AgNi 90/10 gold plated Coil Coil code: please refer to coil versions table Version Blank Standard version WG Product in accordance with IEC 60335-1 (domestic appliances) R Reflow solderable Product code Version Contacts Contact material Coil Version Part number RT423730 8A, 2 form C (CO) AgSnO 230VAC Standard 4-1393243-3 RT424005 pinning 5mm, contacts AgNi 90/10 5VDC 5-1393243-9 RT424006 flux proof 6VDC 6-1393243-1 RT424012 12VDC 6-1393243-3 RT424012WG IEC60335-1 compliant 7-1415538-8 RT424024 24VDC Standard 6-1393243-8 RT424024WG IEC60335-1 compliant 7-1415538-7 RT424048 48VDC Standard 7-1393243-0 RT424060 60VDC 7-1393243-3 RT424110 110VDC 7-1393243-5 RT424524 24VAC 7-1393243-6 RT424615 115VAC 7-1393243-8 RT424730 230VAC 7-1393243-9 RT425003 AgNi 90/10 3VDC 7-1415525-1 RT425005 gold plated 5VDC 8-1393243-0 RT425012 12VDC 8-1393243-2 RT425024 24VDC 8-1393243-5 RT444012 2 form A (NO) AgNi 90/10 12VDC 9-1393243-7 RT444024 contacts 24VDC 9-1393243-9 RTE24005 8A, 2 form C (CO) 5VDC 1393243-1 RTE24006 pinning 5mm, contacts 6VDC 1393243-2 RTE24012 wash tight 12VDC 1393243-4 RTE24024 24VDC 1-1393243-0 RTE24048 48VDC 1-1393243-1 RTE24110 110VDC 1-1393243-4 RTE24524 24VAC 1-1393243-5 RTE24615 115VAC 1-1393243-7 RTE24730 230VAC 1-1393243-8 RTE25005 AgNi 90/10 5VDC 1-1393243-9 RTE25012 gold plated 12VDC 2-1393243-0 RTE25024 24VDC 2-1393243-1 RTE25524 2-1393243-4 RTE43009 2 form A (NO) AgSnO 9VDC 4-1415535-1 RTE44009 contacts AgNi 90/10 3-1393243-1 RTE44730 230VAC 3-1393243-5 This list represents the most common types and does not show all variants covered by this datasheet. Other types on request |
Podobny numer części - 1-1393243-5 |
|
Podobny opis - 1-1393243-5 |