Zakładka z wyszukiwarką danych komponentów |
|
AD7248A Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD7248A Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 16 page A 2 B 2 T 2 Parameter Version Version Version Unit Test Conditions/Comments STATIC PERFORMANCE Resolution 12 12 12 Bits Relative Accuracy @ 25 °C3 ±3/4 ±1/2 ±1/2 LSB max TMIN to TMAX ±1 ±3/4 ±3/4 LSB max TMIN to TMAX ±1/2 LSB max VDD = 15 V ± 10% Differential Nonlinearity 3 ±1 ±1 ±1 LSB max Guaranteed Monotonic Unipolar Offset Error @ 25 °C3 ±3 ±3 ±3 LSB max VSS = 0 V or –12 V to –15 V 4 TMIN to TMAX ±5 ±5 ±5 LSB max Typical Tempco is ±3 ppm of FSR5/°C. Bipolar Zero Error @ 25 °C3 ±3 ±2 ±2 LSB max ROFS connected to REF OUT; VSS = –12 V to –15 V 4 TMIN to TMAX ±5 ±4 ±4 LSB max Typical Tempco is ±3 ppm of FSR5/°C. DAC Gain Error 3, 6 ±2 ±2 ±2 LSB max Full-Scale Output Voltage Error 7 @ 25 °C ±0.2 ±0.2 ±0.2 % of FSR max VDD = 15 V ∆Full Scale/∆VDD ±0.06 ±0.06 ±0.06 % of FSR/V max VDD = +12 V to +15 V 4 ∆Full Scale/∆VSS ±0.01 ±0.01 ±0.01 % of FSR/V max VSS = –12 V to –15 V 4 Full-Scale Temperature Coefficient 8 ±40 ±30 ±40 ppm of FSR/ °C max V DD = 15 V REFERENCE OUTPUT REF OUT @ 25 °C 4.99/5.01 4.99/5.01 4.99/5.01 V min/V max VDD = 15 V ∆REF OUT/∆VDD 2 2 2 mV/V max VDD = 12 V to 15 V 4 Reference Temperature Coefficient ±25 ±25 ±35 ppm/ °C typ Reference Load Change ( ∆REF OUT vs. ∆I) –1 –1 –1 mV max Reference Load Current Change (0–100 µA) DIGITAL INPUTS Input High Voltage, VINH 2.4 2.4 2.4 V min Input Low Voltage, VINL 0.8 0.8 0.8 V max Input Current, IIN ±10 ±10 ±10 µA max VIN = 0 V to VDD Input Capacitance 9 8 8 8 pF max ANALOG OUTPUTS Output Range Resistors 15/30 15/30 15/30 k Ω min/kΩ max Output Voltage Ranges 10 5, 10 5, 10 5, 10 V VSS = 0 V; Pin Strappable 5, 10, 5, 10, 5, 10, VSS = –12 V to –15 V; 4 Pin Strappable ±5 ±5 ±5V DC Output Impedance 0.5 0.5 0.5 Ω typ AC CHARACTERISTICS 9 Voltage Output Settling Time Settling Time to Within ±1/2 LSB of Final Value Positive Full-Scale Change 7 7 10 µs max DAC Latch All 0s to All 1s Negative Full-Scale Change 7 7 10 µs max DAC Latch All 1s to All 0s; VSS = –12 V to –15 V 4 Output Voltage Slew Rate 2 2 1.5 V/ µs min Digital Feedthrough 3 10 10 10 nV-s typ Digital-to-Analog Glitch Impulse 30 30 30 nV-s typ POWER REQUIREMENTS VDD +10.8/ +10.8/ +10.8/ V min/ For Specified Performance Unless Otherwise Stated +16.5 +16.5 +16.5 V max VSS –10.8/ –10.8/ –10.8/ V min/ For Specified Performance Unless Otherwise Stated –16.5 –16.5 –16.5 V max IDD @ 25 °C 9 9 9 mA max Output Unloaded; Typically 5 mA TMlN to TMAX 10 10 12 mA max Output Unloaded ISS (Dual Supplies) 3 3 5 mA max Output Unloaded; Typically 2 mA NOTES 1Power supply tolerance is ±10%. 2Temperature ranges are as follows: A/B Versions; –40 °C to +85°C; T Version; –55°C to +125°C. 3See Terminology. 4With appropriate power supply tolerances. 5FSR means Full-Scale Range and is 5 V for the 0 V to 5 V output range and 10 V for both the 0 V to 10 V and ± 5 V output ranges. 6This error is calculated with respect to the reference voltage and is measured after the offset error has been allowed for. 7This error is calculated with respect to an ideal 4.9988 V on the 0 V to 5 V and ±5 V ranges; it is calculated with respect to an ideal 9.9976 V on the 0 V to 10 V range. It includes the effects of internal voltage reference, gain and offset errors. 8Full-Scale TC = ∆FS/∆T, where ∆FS is the full-scale change from T A = 25 °C to T MIN or TMAX. 9Guaranteed by design and characterization, not production tested. 100 V to 10 V output range is available only when V DD ≥ +14.25 V. Specifications subject to change without notice. AD7245A/AD7248A–SPECIFICATIONS REV. B –2– (VDD = +12 V to +15 V, 1 V SS = O V or –12 V to –15 V, 1 AGND = DGND = O V, RL = 2 k , CL = 100 pF. All specifications TMIN to TMAX unless otherwise noted.) |
Podobny numer części - AD7248A |
|
Podobny opis - AD7248A |