Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11685AV-TLM-H Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części LB11685AV-TLM-H
Szczegółowy opis  3-phase sensor less Motor driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11685AV-TLM-H Arkusz danych(HTML) 5 Page - ON Semiconductor

  LB11685AV-TLM-H Datasheet HTML 1Page - ON Semiconductor LB11685AV-TLM-H Datasheet HTML 2Page - ON Semiconductor LB11685AV-TLM-H Datasheet HTML 3Page - ON Semiconductor LB11685AV-TLM-H Datasheet HTML 4Page - ON Semiconductor LB11685AV-TLM-H Datasheet HTML 5Page - ON Semiconductor LB11685AV-TLM-H Datasheet HTML 6Page - ON Semiconductor LB11685AV-TLM-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LB11685AV
No.A1772-5/7
Pin Function
Pin No.
Pin name
Function
Equivalent circuit
1
23
24
UOUT
WOUT
VOUT
Each output pin of three phases.
4
PGND
GND pin in the output part.
This pin is connected to GND. The SGND pin is also
connected to GND
20
RF
Pin to detect output current.
By connecting a resistor between this pin and VCC, the
output current is detected as a voltage.
The current limiter is operated by this voltage.
5
MCOM
Motor coil midpoint input pin.
The coil voltage waveform is detected based on this
voltage.
7
SGND
Ground pin (except the output part)
This pin is connected to GND.
The PGND pin is also connected to GND.
8
FG
FG out made by back EMF pin.
It synchronizes FG out with inverted V-phase.
When don’t use this function, open this pin.
9
RD
Motor lock protection detection output pin.
Output with L during rotation of motor.
Open during lock protection of motor (High-impedance).
When don’t use this function, open this pin.
11
VCO
PLL output pin and VCO input pin.
To stabilize PLL output, connect a capacitor between this
pin and GND.
12
CX
VCO oscillation output pin.
Operation frequency range and minimum frequency are
determined by the capacity of the capacitor connected to
this pin.
Continue to the next page.
Pin No.20
Pin No.4
Pin No.1,23,24
Pin No.5
SGND
SGND SGND
VCC
VCC
SGND
SGND
Pin No.8
No.9
SGND
SGND
Pin No.11
VCC
SGND
SGND
VREG
VREG
VREG
Pin No.12
VCC
SGND
SGND
VREG


Podobny numer części - LB11685AV-TLM-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11685AV-TLM-H ONSEMI-LB11685AV-TLM-H Datasheet
120Kb / 9P
   Monolithic Digital IC 3?릔hase Sensor Less Motor Driver
January, 2018 ??Rev. 1
More results

Podobny opis - LB11685AV-TLM-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11685VH ONSEMI-LB11685VH Datasheet
115Kb / 7P
   3-phase sensor less Motor driver
May, 2013
logo
Sanyo Semicon Device
LV8806GQ SANYO-LV8806GQ Datasheet
242Kb / 6P
   3-phase sensor-less Motor Driver IC
logo
List of Unclassifed Man...
AM2355N ETC1-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
logo
AMtek SEMICONDUCTORS CO...
AM8919 AMTEK-AM8919 Datasheet
336Kb / 12P
   3-phase Sensor-less Fan Motor Driver
Jul. 2014 V1.11
AM2355N AMTEK-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
Princeton Technology Co...
PT2432 PTC-PT2432 Datasheet
539Kb / 6P
   3-Phase Sensor-less BLDC Motor Driver
logo
Sanyo Semicon Device
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
LB11685VH SANYO-LB11685VH Datasheet
184Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
logo
Anpec Electronics Corop...
APX9365D ANPEC-APX9365D Datasheet
611Kb / 14P
   Three-Phase Sensor-Less Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com