Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11850VA Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części LB11850VA
Szczegółowy opis  For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11850VA Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button LB11850VA Datasheet HTML 6Page - ON Semiconductor LB11850VA Datasheet HTML 7Page - ON Semiconductor LB11850VA Datasheet HTML 8Page - ON Semiconductor LB11850VA Datasheet HTML 9Page - ON Semiconductor LB11850VA Datasheet HTML 10Page - ON Semiconductor LB11850VA Datasheet HTML 11Page - ON Semiconductor LB11850VA Datasheet HTML 12Page - ON Semiconductor LB11850VA Datasheet HTML 13Page - ON Semiconductor LB11850VA Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LB11850VA
No.A0609-10/14
4) Procedure for calculating constants
<RC pin>
The slope shown in the speed control diagram is determined by the constant of the RC pin.
(1) Obtain FG signal frequency fFG (Hz) of the maximum speed of the motor.
(With FG2 pulses per rotation)
fFG (Hz) = 2 rpm/60 .... <1>
(2) Obtain the time constant which is connected to the RC pin.
(Have “DUTY” (example: 100% = 1.0, 60% = 0.6) serve as the CTL duty ratio at which the maximum speed is to
be obtained.)
R
×C = DUTY/(3.3×1.1×fFG) .... <2>
(3) Obtain the resistance and capacitance of the capacitor.
Based on the discharge capacity of the RC pin, the capacitance of the capacitor which can be used is 0.01 to
0.015
μF. Therefore, find the appropriate resistance using equation <3> or <4> below from the result of <2>
above.
R = (R
×C)/0.01μF .... <3>
R = (R
×C)/0.015μF .... <4>
The temperature characteristics of the curve are determined by the temperature characteristics of the capacitor of the
RC pin. When temperature-caused fluctuations in the speed are to be minimized, use a capacitor with good
temperature characteristics.
(RPM)
CTL Duty(%)
Motor
at maximum speed
0%
100%


Podobny numer części - LB11850VA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11850VA SANYO-LB11850VA Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
logo
ON Semiconductor
LB11850VA ONSEMI-LB11850VA Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LB11850VA-TLM-E ONSEMI-LB11850VA-TLM-E Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LB11850VA-TLM-H ONSEMI-LB11850VA-TLM-H Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LB11850VA-W-AH ONSEMI-LB11850VA-W-AH Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
More results

Podobny opis - LB11850VA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11852FV SANYO-LB11852FV Datasheet
146Kb / 12P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
LB11850V SANYO-LB11850V Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
LB11850VA SANYO-LB11850VA Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV_11 Datasheet
220Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com