Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3U-0010-0828-4 Arkusz danych(PDF) 7 Page - 3M Electronics

Numer części 3U-0010-0828-4
Szczegółowy opis  This specification was revised due to the requirement described below.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  3M [3M Electronics]
Strona internetowa  http://www.3m.com
Logo 3M - 3M Electronics

3U-0010-0828-4 Arkusz danych(HTML) 7 Page - 3M Electronics

Back Button 3U-0010-0828-4 Datasheet HTML 3Page - 3M Electronics 3U-0010-0828-4 Datasheet HTML 4Page - 3M Electronics 3U-0010-0828-4 Datasheet HTML 5Page - 3M Electronics 3U-0010-0828-4 Datasheet HTML 6Page - 3M Electronics 3U-0010-0828-4 Datasheet HTML 7Page - 3M Electronics 3U-0010-0828-4 Datasheet HTML 8Page - 3M Electronics 3U-0010-0828-4 Datasheet HTML 9Page - 3M Electronics 3U-0010-0828-4 Datasheet HTML 10Page - 3M Electronics 3U-0010-0828-4 Datasheet HTML 11Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
JNPS-0135
D
4-2-3 ジャックスクリュー
3342 -XX
4-2-4 ラッチ
106 00-
L 0 F 0-X
形状
F.ノンシールドシェル用ラッチ
形状
20:L30 タイプ M2.6
×30
22:L26 タイプ M2.6
×26
26:ストッパー付きタイプ M2.6
×30
シェルボディ色調
8:黒(標準色)
シェル本体に同じ。
L:ラッチ
極数表示
00:全極数対応
製品シリーズ名称
106:106 シリーズ
製品シリーズ名称
3342:ジャックスクリュー


Podobny numer części - 3U-0010-0828-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
3U-0-21-0-0-0-0 CK-COMPONENTS-3U-0-21-0-0-0-0 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-0-02 CK-COMPONENTS-3U-0-21-0-0-02 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-09-0 CK-COMPONENTS-3U-0-21-0-09-0 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-092 CK-COMPONENTS-3U-0-21-0-092 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-0A-0 CK-COMPONENTS-3U-0-21-0-0A-0 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
More results

Podobny opis - 3U-0010-0828-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
108-36033 TEC-108-36033 Datasheet
286Kb / 6P
   The product described in this document has not been fully tested to ensure conformance to the requirements outlined below
108-133061 TEC-108-133061 Datasheet
162Kb / 7P
   The product described in this document has not been fully tested to ensure conformance to the requirements outlined below.
logo
Inolux Corporation
V236BJ1 INOLUX-V236BJ1 Datasheet
662Kb / 29P
   The Approval Specification was first issued.
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
   The information described in this specification is preliminary and can be changed without prior notice
logo
Soberton Inc.
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-0905S SOBERTON-WST-0905S_16 Datasheet
300Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com