Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7173-8 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7173-8
Szczegółowy opis  Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7173-8 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7173-8 Datasheet HTML 7Page - Analog Devices AD7173-8 Datasheet HTML 8Page - Analog Devices AD7173-8 Datasheet HTML 9Page - Analog Devices AD7173-8 Datasheet HTML 10Page - Analog Devices AD7173-8 Datasheet HTML 11Page - Analog Devices AD7173-8 Datasheet HTML 12Page - Analog Devices AD7173-8 Datasheet HTML 13Page - Analog Devices AD7173-8 Datasheet HTML 14Page - Analog Devices AD7173-8 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Data Sheet
AD7173-8
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = 5 V, AVDD2 = 5 V, IOVDD = 3.3 V, unless otherwise noted.
Figure 5. Noise
(Output Data Rate = 1.25 SPS, Analog Input Buffers Disabled)
Figure 6. Noise
(Output Data Rate = 1.25 SPS, Analog Input Buffers Enabled)
Figure 7. Noise
(Output Data Rate = 10 kSPS, Analog Input Buffers Disabled)
Figure 8. Noise Distribution Histogram
(Output Data Rate = 1.25 SPS, Analog Input Buffers Disabled))
Figure 9. Noise Distribution Histogram
(Output Data Rate = 1.25 SPS, Analog Input Buffers Enabled)
Figure 10. Noise Distribution Histogram
(Output Data Rate = 10 kSPS, Analog Input Buffers Disabled))
8388536
8388537
8388538
8388539
0
100
200
300
400
500
600
700
800
900
1000
SAMPLE
8388548
8388549
8388550
8388551
0
100
200
300
400
500
600
700
800
900
1000
SAMPLE
8388490
8388500
8388510
8388520
8388530
8388540
8388550
8388560
8388570
8388580
0
100
200
300
400
500
600
700
800
900
1000
SAMPLE
0
100
200
300
400
500
600
700
8388536
8388537
8388538
8388539
ADC CODE
0
100
200
300
400
500
600
8388548
8388549
8388550
8388551
ADC CODE
0
10
20
30
40
50
60
ADC CODE
Rev. 0 | Page 11 of 64


Podobny numer części - AD7173-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170 AD-AD7170 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
More results

Podobny opis - AD7173-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD4114 AD-AD4114 Datasheet
549Kb / 49P
   Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com