Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7173-8BCPZ Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7173-8BCPZ
Szczegółowy opis  Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7173-8BCPZ Arkusz danych(HTML) 1 Page - Analog Devices

  AD7173-8BCPZ Datasheet HTML 1Page - Analog Devices AD7173-8BCPZ Datasheet HTML 2Page - Analog Devices AD7173-8BCPZ Datasheet HTML 3Page - Analog Devices AD7173-8BCPZ Datasheet HTML 4Page - Analog Devices AD7173-8BCPZ Datasheet HTML 5Page - Analog Devices AD7173-8BCPZ Datasheet HTML 6Page - Analog Devices AD7173-8BCPZ Datasheet HTML 7Page - Analog Devices AD7173-8BCPZ Datasheet HTML 8Page - Analog Devices AD7173-8BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Low Power, 8-/16-Channel, 31.25 kSPS,
24-Bit, Highly Integrated Sigma-Delta ADC
Data Sheet
AD7173-8
FEATURES
Low power, 8-/16-channel, highly integrated multiplexed
analog-to-digital converter (ADC)
Integration
Precision analog input buffers and reference input buffers
2.5 V precision reference (3.5 ppm/°C)
Cross point multiplexer (enable system diagnostic)
8 full differential or 16 single-ended channels
Clock oscillator
GPIO and GPO pins with automatic external mux control
Fast and flexible output rate: 1.25 SPS to 31.25 kSPS
Channel scan data rate: 6.21 kSPS/channel (161 µs settling)
Performance specifications
17.5 noise free bits at 31.25 kSPS
24 noise free bits at 1.25 SPS
INL: ±3 ppm/FSR
85 dB rejection of 50 Hz and 60 Hz with 50 ms settling
Operates with either 3.3 V or5 V supply
Single supply
3.3 V or 5 V AVDD1, 2 V to 5 V AVDD2, and 2 V to 5 V IOVDD
Optional split supply
AVDD1 and AVSS ± 2.5 V or AVDD1 and AVSS ± 1.65 V
Current: 1.4 mA
3-/4-wire serial digital interface (Schmitt trigger on SCLK)
CRC error checking
SPI, QSPI, MICROWIRE, and DSP compatible
Package: 40-lead 6 mm × 6 mm LFCSP
Temperature range: −40°C to +105°C
APPLICATIONS
Process control: PLC/DCS modules
Voltage, current, temperature, and pressure measurement
Flow meters
Medical and scientific multichannel instrumentation
Seismic instrumentation
Chemical analysis instrumentation: chromatography
GENERAL DESCRIPTION
Fast settling, highly accurate, low power, 8-/16-channel,
multiplexed ADC for low bandwidth input signals with
integrated input buffers.
Integrated precision, 2.5 V, low drift (3.5 ppm/°C), band gap
reference and integrated oscillator.
Eight flexible setups with configurability for output data rate,
digital filter mode, offset/gain error correction, reference
selection, buffer enables and more.
Sinc5 + sinc1 filter maximizes channel scan rate, and sinc3 filter
maximizes resolution and enhanced 50 Hz/60 Hz rejection,
with four selectable options to maximize rejection.
Integrated diagnostic features, including CRC, register checksum,
temperature sensor, crosspoint multiplexer, burnout currents,
and GPIOs/GPOs.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
AVDD1
AVDD
ANALOG
INPUT
BUFFERS
REFERENCE
INPUT
BUFFERS
AVSS
AVSS
PDSW
GPIO0 GPIO1 GPIO2 GPIO3
XTAL1
XTAL2/CLKIO
DGND
REF– REF+ REFOUT
AVDD2 REGCAPA
AIN0/REF2–
AIN1/REF2+
AIN15
AIN16
Σ-Δ ADC
1.8V
LDO
CROSSPOINT
MULTIPLEXER
1.8V
LDO
INT
REF
TEMPERATURE
SENSOR
IOVDD REGCAPD
I/O CONTROL
SERIAL
INTERFACE
AND CONTROL
DIGITAL
FILTER
AD7173-8
BUFFERED
PRECISION
REFERENCE
XTAL AND INTERNAL
CLOCK OSCILLATOR
CIRCUITRY
CS
SCLK
DIN
DOUT/RDY
SYNC
ERROR
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Podobny numer części - AD7173-8BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170 AD-AD7170 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
More results

Podobny opis - AD7173-8BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD4114 AD-AD4114 Datasheet
549Kb / 49P
   Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com