Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7173-8BCPZ-RL Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7173-8BCPZ-RL
Szczegółowy opis  Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7173-8BCPZ-RL Arkusz danych(HTML) 3 Page - Analog Devices

  AD7173-8BCPZ-RL Datasheet HTML 1Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 2Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 3Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 4Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 5Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 6Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 7Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 8Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Data Sheet
AD7173-8
SPECIFICATIONS
AVDD1 = 3.0 V to 5.5 V, AVDD2 = 2 V to 5.5 V, IOVDD = 2 V to 5.5 V, AVSS = DGND = 0 V, REF+ = 2.5 V, REF− = AVSS,
internal master clock = 2 MHz, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADC SPEED AND PERFORMANCE
Output Data Rate (ODR)
1.25
31250
SPS
No Missing Codes1
Excluding sinc3 filter at 31.25 kSPS
24
Bits
Resolution
See Table 6
Noise
See Table 6
Noise Free Resolution
Sinc5 + sinc1 filter (default)
31.25 kSPS, REF+ = 5 V
17.5
Bits
2.6 kSPS, REF+ = 5 V
18.4
Bits
1.25 SPS, REF+ = 5 V
24
Bits
ACCURACY
Integral Nonlinearity (INL)
2.5 V reference
±3
±7.5
ppm/FSR
5 V reference
±5
ppm/FSR
Offset Error2
Internal short
±40
µV
Offset Drift
Internal short
±350
nV/°C
Offset Drift vs. Time3
±450
nV/1000 hrs
Gain Error2
25°C, AVDD1 = 5 V
±10
±50
ppm/FSR
Gain Drift vs. Temperature1
±0.5
±1
ppm/FSR/°C
Gain Drift vs. Time3
±3
ppm/FSR/
1000 hrs
REJECTION
Power Supply Rejection
AVDD1 and AVDD2, VIN = 1 V
90
dB
Common-Mode Rejection
VIN = 0.1 V
At DC
95
dB
At 50 Hz and 60 Hz1
20 SPS ODR (post filter); 50 Hz ± 1 Hz and
60 Hz ± 1 Hz
120
dB
Normal Mode Rejection1
50 Hz ± 1 Hz and 60 Hz ± 1 Hz
Internal clock, 20 SPS ODR (post filter)
71
90
dB
External clock, 20 SPS ODR (post filter)
85
90
dB
ANALOG INPUTS
Differential Input Voltage Range
±VREF
V
Absolute AIN Voltage Limits1
Buffers Disabled
AVSS − 0.05
AVDD1 + 0.05
V
Buffers Enabled
AVSS
AVDD1 − 1.1
V
Analog Input Current
Buffers Enabled
Single cycle settling enabled (default)
Input Current
±2
nA
Input Current Drift
±25
pA/°C
Buffers Disabled
Input Current
±6
µA/V
Input Current Drift
External clock
±0.1
nA/V/°C
Internal clock (±2.5% clock)
±0.5
nA/V/°C
Crosstalk
1 kHz input
−120
dB
INTERNAL REFERENCE
100 nF external capacitor on REFOUT to AVSS
Output Voltage
REFOUT with respect to AVSS
2.5
V
Initial Accuracy1
TA = 25°C4
−0.1
+0.1
% of V
Temperature Coefficient
0°C to +105°C
3.5
8
ppm/°C
−40°C to +105°C
3.5
10
ppm/°C
Reference Load Current, ILOAD
IL
−10
+10
mA
Rev. 0 | Page 3 of 64


Podobny numer części - AD7173-8BCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170 AD-AD7170 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
More results

Podobny opis - AD7173-8BCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD4114 AD-AD4114 Datasheet
549Kb / 49P
   Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com