Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7173-8BCPZ-RL Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD7173-8BCPZ-RL
Szczegółowy opis  Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7173-8BCPZ-RL Arkusz danych(HTML) 4 Page - Analog Devices

  AD7173-8BCPZ-RL Datasheet HTML 1Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 2Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 3Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 4Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 5Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 6Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 7Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 8Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
AD7173-8
Data Sheet
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Power Supply Rejection
(Line Regulation)
AVDD1 and AVDD2
90
dB
Load Regulation
∆VOUT/∆IL
140
ppm/mA
Voltage Noise
eN, 0.1 Hz to 10 Hz
6.5
µV rms
Voltage Noise Density
eN, 1 kHz
215
nV/√Hz
Turn-On Settling Time
100 nF capacitor
60
µs
Long-Term Stability3
1000 hours
460
ppm
Short Circuit
ISC
25
mA
EXTERNAL REFERENCE
Reference Input Voltage
Reference input = (REF+) − (REF−)
1
2.5
AVDD1
V
Absolute Reference Input Voltage
Limits1
Buffers Disabled
AVSS − 0.05
AVDD1 + 0.05
V
Buffers Enabled
AVSS
AVDD1
V
Average Reference Input Current
Buffers Disabled
±9
µA/V
Buffers Enabled
±50
nA
Average Reference Input Current Drift
Buffers disabled
External clock
±5
nA/V/°C
Internal clock
±6
nA/V/°C
Normal Mode Rejection1
See the Rejection parameter
Common-Mode Rejection
83
dB
TEMPERATURE SENSOR
Accuracy
After user calibration at 25°C
±2
°C
Sensitivity
477
µV/°C
BURNOUT CURRENTS
Source/Sink Current
Analog input buffers must be enabled
±10
µA
BRIDGE POWER-DOWN SWITCH
RON
24
Ω
Allowable Currents
16
mA
GENERAL-PURPOSE I/O (GPIO0, GPIO1,
GPO2, GPO3)
With respect to AVSS
Input Mode Leakage Current1
−10
+10
µA
Floating State Output Capacitance
5
pF
AVDD1 − AVSS = 5 V
Output High Voltage, VOH1
ISOURCE = 200 µA
AVSS + 4
V
Output Low Voltage, VOL1
ISINK = 800 µA
AVSS + 0.4
V
Input High Voltage, VIH1
AVSS + 3
V
Input Low Voltage, VIL1
AVSS + 0.7
V
AVDD1 − AVSS = 3.3 V
Output High Voltage, VOH1
ISOURCE = 200 µA
AVSS + 2.7
V
Output Low Voltage, VOL1
ISINK = 800 µA
AVSS + 0.27
V
Input High Voltage, VIH1
AVSS + 2
V
Input Low Voltage, VIL1
AVSS + 0.45
V
CLOCK
Internal Clock
Frequency
2
MHz
Accuracy
−2.5
+2.5
%
Duty Cycle
50:50
Output Low Voltage, VOL
0.4
V
Output High Voltage, VOH
0.8 × IOVDD
V
Crystal
Frequency
14
16
16.384
MHz
Start-Up Time
10
µs
External Clock (CLKIO)
2
2.048
MHz
Duty Cycle1
Typical duty cycle 50:50 (maximum:minimum)
30:70
50:50
70:30
Rev. 0 | Page 4 of 64


Podobny numer części - AD7173-8BCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170 AD-AD7170 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
More results

Podobny opis - AD7173-8BCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD4114 AD-AD4114 Datasheet
549Kb / 49P
   Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com